전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FKBA4204 데이터시트(PDF) 3 Page - FETek Technology Corp.

부품명 FKBA4204
상세설명  Dual N-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FETEK [FETek Technology Corp.]
홈페이지  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.

FKBA4204 데이터시트(HTML) 3 Page - FETek Technology Corp.

  FKBA4204 Datasheet HTML 1Page - FETek Technology Corp. FKBA4204 Datasheet HTML 2Page - FETek Technology Corp. FKBA4204 Datasheet HTML 3Page - FETek Technology Corp. FKBA4204 Datasheet HTML 4Page - FETek Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FETek Technology Corp.
Data and specifications subject to change without notice.
www.fetek.com.tw
Ver : A
FKBA4204
Dual N-Channel Enhancement Mode MOSFET
33
0
2
4
6
8
10
12
0
0.25
0.5
0.75
1
VDS , Drain-to-Source Voltage (V)
VGS=10V
VGS=7V
VGS=5V
VGS=4.5V
VGS=3V
10
14
18
22
2
4
6
8
10
VGS (V)
ID=6A
0
2
4
6
0.00
0.25
0.50
0.75
1.00
VSD , Source-to-Drain Voltage (V)
TJ=150℃
TJ=25℃
0
2
4
6
8
10
0
5
10
15
20
25
QG , Total Gate Charge (nC)
VDS=20V
ID=6A
0.2
0.6
1
1.4
1.8
-50
0
50
100
150
TJ ,Junction Temperature (℃ )
0.2
0.6
1.0
1.4
1.8
-50
0
50
100
150
TJ , Junction Temperature (℃)
Typical Characteristics
Fig.1 Typical Output Characteristics
Fig.2 On-Resistance vs G-S Voltage
Fig.3 Source Drain Forward Characteristics
Fig.4 Gate-Charge Characteristics
Fig.5 Normalized VGS(th) vs TJ
Fig.6 Normalized RDSON vs TJ



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com