전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL6524 데이터시트(PDF) 53 Page - STMicroelectronics

부품명 VL6524
상세설명  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6524 데이터시트(HTML) 53 Page - STMicroelectronics

Back Button VL6524 Datasheet HTML 49Page - STMicroelectronics VL6524 Datasheet HTML 50Page - STMicroelectronics VL6524 Datasheet HTML 51Page - STMicroelectronics VL6524 Datasheet HTML 52Page - STMicroelectronics VL6524 Datasheet HTML 53Page - STMicroelectronics VL6524 Datasheet HTML 54Page - STMicroelectronics VL6524 Datasheet HTML 55Page - STMicroelectronics VL6524 Datasheet HTML 56Page - STMicroelectronics VL6524 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
VL6524/VS6524
Register map
53/70
fpBlackValue (MSB)
0x2003
R/W
M F
0x00
Minimum possible damper output for the
colour matrix 0.0 fades to absolute black,
1.0 effectively disables fade to black.
Default 0x0000 = 0
fpBlackValue (LSB)
0x2004
R/W
M F
0x00
fpDamperLow
Threshold (MSB)
0x2007
R/W
M F
0x63
Low threshold to calculate the damper
slope
Default 0x67d1 =500224
fpDamperLow
Threshold (LSB)
0x2008
R/W
M F
0xd1
fpDamperHigh
Threshold (MSB)
0x200b
R/W
M F
0x65
High threshold to calculate the damper
slope
Default 0x656f = 900096
fpDamperHigh
Threshold (LSB)
0x200c
R/W
M F
0x6f
fpMinimumOutput
(MSB)
0x200f
R
F
Status value showing damper strength
used
fpMinimumOutput
(LSB)
0x2010
R
F
Table 27.
Fade to black damper control
Name
Index
R/W
Data
Type
Format
default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70