전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9513/PCB 데이터시트(PDF) 24 Page - Analog Devices

부품명 AD9513/PCB
상세설명  800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9513/PCB 데이터시트(HTML) 24 Page - Analog Devices

Back Button AD9513/PCB Datasheet HTML 20Page - Analog Devices AD9513/PCB Datasheet HTML 21Page - Analog Devices AD9513/PCB Datasheet HTML 22Page - Analog Devices AD9513/PCB Datasheet HTML 23Page - Analog Devices AD9513/PCB Datasheet HTML 24Page - Analog Devices AD9513/PCB Datasheet HTML 25Page - Analog Devices AD9513/PCB Datasheet HTML 26Page - Analog Devices AD9513/PCB Datasheet HTML 27Page - Analog Devices AD9513/PCB Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD9513
Rev. 0 | Page 24 of 28
Termination at the far end of the PCB trace is a second option.
The CMOS outputs of the AD9513 do not supply enough
current to provide a full voltage swing with a low impedance
resistive, far-end termination, as shown in Figure 32. The
far-end termination network should match the PCB trace
impedance and provide the desired switching point. The
reduced signal swing may still meet receiver input requirements
in some applications. This can be useful when driving long
trace lengths on less critical nets.
50Ω
10Ω
OUT1/OUT1B
SELECTED AS CMOS
VS
CMOS
3pF
100Ω
100Ω
Figure 32. CMOS Output with Far-End Termination
Because of the limitations of single-ended CMOS clocking,
consider using differential outputs when driving high speed
signals over long traces. The AD9513 offers LVDS outputs that
are better suited for driving long traces where the inherent noise
immunity of differential signaling provides superior
performance for clocking converters.
SETUP PINS (S0 TO S10)
The setup pins that require a logic level of ⅓ VS (internal self-
bias) should be tied together and bypassed to ground via a
capacitor.
The setup pins that require a logic level of ⅔ VS should be tied
together, along with the VREF pin, and bypassed to ground via
a capacitor.
POWER AND GROUNDING CONSIDERATIONS AND
POWER SUPPLY REJECTION
Many applications seek high speed and performance under less
than ideal operating conditions. In these application circuits, the
implementation and construction of the PCB is as important
as the circuit design. Proper RF techniques must be used for
device selection, placement, and routing, as well as power
supply bypassing and grounding to ensure optimum
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28