전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDB53L21 데이터시트(PDF) 8 Page - Cirrus Logic

부품명 CDB53L21
상세설명  Evaluation Board for CS53L21
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB53L21 데이터시트(HTML) 8 Page - Cirrus Logic

Back Button CDB53L21 Datasheet HTML 4Page - Cirrus Logic CDB53L21 Datasheet HTML 5Page - Cirrus Logic CDB53L21 Datasheet HTML 6Page - Cirrus Logic CDB53L21 Datasheet HTML 7Page - Cirrus Logic CDB53L21 Datasheet HTML 8Page - Cirrus Logic CDB53L21 Datasheet HTML 9Page - Cirrus Logic CDB53L21 Datasheet HTML 10Page - Cirrus Logic CDB53L21 Datasheet HTML 11Page - Cirrus Logic CDB53L21 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
8
DS700DB1
CDB53L21
2.1
General Configuration Tab
The “General Configuration” tab provides high-level control of signal routing on the CDB53L21. This tab also
includes basic controls for the CS53L21 for quickly setting up the CDB53L21 in simple configurations. Sta-
tus text detailing the ADC’s specific configuration is shown in parenthesis or appears directly below the as-
sociated control. This text may change depending on the setting of the associated control. A description of
each control group is outlined below:
ADC Basic Configuration - Includes basic register controls in the CS53L21 used for setting up the interface
format, clocking functions and internal analog input routing. See Section 2.2 through Section 2.4 for more
CS53L21 controls.
S/PDIF Transmitter Control - Includes all available Hardware Mode controls for setting up the CS8406.
Clock/Data Routing and ADC Reset - Includes controls used for routing clocks and data between the
CS53L21, oscillator and the I/O stake header. Also included is a reset control for the CS53L21.
Update - Reads all registers in the FPGA and CS53L21 and reflects the current values in the GUI.
Reset - Resets FPGA to default routing configuration.
Figure 1. General Configuration Tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33