전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDB53L21 데이터시트(PDF) 16 Page - Cirrus Logic

부품명 CDB53L21
상세설명  Evaluation Board for CS53L21
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB53L21 데이터시트(HTML) 16 Page - Cirrus Logic

Back Button CDB53L21 Datasheet HTML 12Page - Cirrus Logic CDB53L21 Datasheet HTML 13Page - Cirrus Logic CDB53L21 Datasheet HTML 14Page - Cirrus Logic CDB53L21 Datasheet HTML 15Page - Cirrus Logic CDB53L21 Datasheet HTML 16Page - Cirrus Logic CDB53L21 Datasheet HTML 17Page - Cirrus Logic CDB53L21 Datasheet HTML 18Page - Cirrus Logic CDB53L21 Datasheet HTML 19Page - Cirrus Logic CDB53L21 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
16
DS700DB1
CDB53L21
3.2
CS53L21 H/W Control
The stand-alone “CS53L21 H/W Control” switch S5 controls the Hardware Mode options of the CS53L21.
A description of each switch is outlined in the following table. See the CS53L21 Data Sheet, Section 4.2
“Hardware M
ode” for further details on setting these switches.
Notes:
1. The M/S setting affects the CS53L21 only and is independent of S[1] setting in the “FPGA H/W Control”
switch S3. These settings must be made manually by the user and have to be consistent.
2. The I2S/LJ setting affects the CS53L21 only. The S/PDIF Transmitter input data format in HW Mode is
always LJ and is independent of this setting. If the user desires I2S format PCM SDOUT data, the I/O
Header will have to be used.
Switch
Position
Function
M/S (Note 1.)
LO
LRCK and SCLK are inputs to CS53L21.
HI
LRCK and SCLK are outputs to CS53L21.
MCLKDIV2
LO
Internal MCLK to CS53L21 not divided.
HI
Internal MCLK to CS53L21 divided by 2.
I2S/LJ (Note 2.)
LO
CS53L21 Interface Format: Left-Justified.
HI
CS53L21 Interface Format: I²S.
Table 2. CS53L21 H/W Mode Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33