전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NT5SV64M4AT 데이터시트(PDF) 13 Page - List of Unclassifed Manufacturers

부품명 NT5SV64M4AT
상세설명  256Mb Synchronous DRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

NT5SV64M4AT 데이터시트(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button NT5SV64M4AT Datasheet HTML 9Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 10Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 11Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 12Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 13Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 14Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 15Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 16Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
NT5SV64M4AT(L)
NT5SV32M8AT(L)
NT5SV16M16AT(L)
256Mb Synchronous DRAM
REV 1.0
May, 2001
13
© NANYA TECHNOLOGY CORP. All rights reserved.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Non-Minimum Read to Write Interval
COMMAND
NOP
NOP
READ A
WRITE A
NOP
NOP
NOP
DQM
DIN A 0
DIN A 1
DIN A 2
DIN A 3
DIN A 0
DIN A 1
DIN A 2
DIN A 3
tCK2, DQs
CAS latency = 2
tCK3, DQs
CAS latency = 3
CK
T0
T2
T1
T3
T4
T5
T6
T7
T8
NOP
NOP
CL = 3: DQM needed to
mask first bit of READ data.
CL = 2: DQM needed to mask
first, second bit of READ data.
(Burst Length = 4, CAS latency = 2, 3)
: DQM high for CAS latency = 2
: DQM high for CAS latency = 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65