전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HD404828RFS 데이터시트(PDF) 10 Page - Renesas Technology Corp

부품명 HD404828RFS
상세설명  AS Microcomputer Incorporating a LCD controller/Driver Circuit
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404828RFS 데이터시트(HTML) 10 Page - Renesas Technology Corp

Back Button HD404828RFS Datasheet HTML 6Page - Renesas Technology Corp HD404828RFS Datasheet HTML 7Page - Renesas Technology Corp HD404828RFS Datasheet HTML 8Page - Renesas Technology Corp HD404828RFS Datasheet HTML 9Page - Renesas Technology Corp HD404828RFS Datasheet HTML 10Page - Renesas Technology Corp HD404828RFS Datasheet HTML 11Page - Renesas Technology Corp HD404828RFS Datasheet HTML 12Page - Renesas Technology Corp HD404828RFS Datasheet HTML 13Page - Renesas Technology Corp HD404828RFS Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 149 page
background image
HD404829R Series
8
Pin Number
Item
Symbol
FP-100B
TFP-100B
FP-100A
I/O
Function
A/D
converter
AV
CC
1
3
Power pin for A/D converter: Connect it to the same
potential as V
CC, as physically close to the VCC pin as
possible
AV
SS
6
8
Ground for AV
CC: Connect it to the same potential
as GND, as physically close to the GND pin as
possible
AN
0–AN3
2–5
4–7
I
Analog input pins for A/D converter
NUMG
NUMG
100
2
These are not pins for user applications. Connect
NUMO
NUMO
98,99
100,1
NUMG to the same potential as GND. Leave NUMO
open
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More