| 전자부품 데이터시트 검색엔진 |
|
HD404828RFS 데이터시트(PDF) 24 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404828RFS 데이터시트(HTML) 24 Page - Renesas Technology Corp |
|
24 / 149 page ![]() HD404829R Series 22 during the second and third cycles, and the program jumps to the vector address to execute the instruction in the third cycle. Program the JMPL instruction at each vector address, to branch the program to the start address of the interrupt program, and reset the IF by a software instruction within the interrupt program. Table 2 Vector Addresses and Interrupt Priorities Reset/Interrupt Priority Vector Address RESET, STOPC* — $0000 INT 0 1 $0002 INT 1 2 $0004 Timer A 3 $0006 Timer B, INT2 4 $0008 Timer C, INT3 5 $000A Timer D, INT4 6 $000C A/D, Serial 7 $000E Note: * The STOPC interrupt request is valid only in stop mode. |