| 전자부품 데이터시트 검색엔진 |
|
HD404828RFS 데이터시트(PDF) 102 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404828RFS 데이터시트(HTML) 102 Page - Renesas Technology Corp |
|
102 / 149 page ![]() HD404829R Series 100 LCD Control Register (LCR: $01B): Three-bit write-only register which controls LCD blanking, on/off switching of the liquid-crystal display’s power supply division resistor, and display in watch and subactive modes, as shown in figure 89. • Blank/display Blank: Segment signals are turned off, regardless of LCD RAM data setting. Display: LCD RAM data is output as segment signals. • Power switch on/off Off: The power switch is off. On: The power switch is on and V 1 is VCC. • Watch/subactive mode display Off: In watch and subactive modes, all common and segment pins are grounded and the liquid-crystal power switch is turned off. On: In watch and subactive modes, LCD RAM data is output as segment signals. Bit Initial value Read/Write Bit name 3 — — Not used 2 0 W LCR2 0 0 W LCR0 1 0 W LCR1 LCD display control register (LCR: $01B) LCR1 0 1 Power switch on/off Off On LCR0 0 1 Blank/display Blank Display 0 1 Display on/off selection in watch and subactive modes LCR2 Off On Figure 89 LCD Control Register (LCR) |