| 전자부품 데이터시트 검색엔진 |
|
HD404829RFS 데이터시트(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404829RFS 데이터시트(HTML) 49 Page - Renesas Technology Corp |
|
49 / 149 page ![]() HD404829R Series 47 MIS3 Input control signal VCC Pull-up MOS DCD, DCR PDR Input data VCC HLT Pull-up control signal Buffer control signal Output data Figure 29 I/O Buffer Configuration Table 18 Circuit Configurations of I/O Pins I/O Pin Type Circuit Pins Input/output pins VCC VCC Pull-up control signal Buffer control signal Output data Input data HLT MIS3 DCD, DCR PDR Input control signal D0 – D9 R00–R03 R10–R13 R20–R22 R30–R33 R40–R43 R50–R53 R60–R63 R70–R73 VCC VCC Pull-up control signal Buffer control signal Output data Input data HLT MIS3 DCR PDR Input control signal MIS2 R23 Input pins Input data Input control signal D10, D11 |