전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HD404829RFS 데이터시트(PDF) 32 Page - Renesas Technology Corp

부품명 HD404829RFS
상세설명  AS Microcomputer Incorporating a LCD controller/Driver Circuit
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404829RFS 데이터시트(HTML) 32 Page - Renesas Technology Corp

Back Button HD404829RFS Datasheet HTML 28Page - Renesas Technology Corp HD404829RFS Datasheet HTML 29Page - Renesas Technology Corp HD404829RFS Datasheet HTML 30Page - Renesas Technology Corp HD404829RFS Datasheet HTML 31Page - Renesas Technology Corp HD404829RFS Datasheet HTML 32Page - Renesas Technology Corp HD404829RFS Datasheet HTML 33Page - Renesas Technology Corp HD404829RFS Datasheet HTML 34Page - Renesas Technology Corp HD404829RFS Datasheet HTML 35Page - Renesas Technology Corp HD404829RFS Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 149 page
background image
HD404829R Series
30
Operating Modes
The MCU has five operating modes as shown in table 13. The operations in each mode are listed in tables
14 and 15. Transitions between operating modes are shown in figure 14.
Active Mode: All MCU functions operate according to the clock generated by the system oscillator OSC1
and OSC2.
Table 13 Operating Modes and Clock Status
Mode Name
Active
Standby
Stop
Watch
Subactive*2
Activation
method
RESET
cancellation,
interrupt
request,
STOPC
cancellation
in stop mode,
STOP/SBY
instruction in
subactive mode
(when direct
transfer is
selected)
SBY
instruction
from active
mode
STOP
instruction
when
TMA3 = 0
STOP
instruction
when
TMA3 = 1
or SBY
instruction from
subactive mode
(when LSON = 1,
or LSON and
DTON are
both 0)
AN interrupt
request from
timer A or
INT
0 in watch
mode when
LSON = 1
Status
System
oscillator
Operating
Operating
Stopped
Stopped
Stopped
Subsystem
oscillator
Operating *1
Operating *1
Operating *1
Operating *1
Operating *1
Cancellation
method
RESET input,
STOP/SBY
instruction
RESET input,
interrupt
request
RESET input,
STOPC input
in stop mode
RESET input,
INT
0 or timer A
interrupt
request
RESET input,
STOP/SBY
instruction
Notes: 1. Operating or stopping the oscillator can be selected by setting bit 3 of the system clock select
register (SSR: $029).
2. Subactive mode is an optional function; specify it on the function option list.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More