전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S32K310 데이터시트(PDF) 41 Page - NXP Semiconductors

부품명 S32K310
상세설명  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342 and S32K322. Data is preliminary for S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 데이터시트(HTML) 41 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 37Page - NXP Semiconductors S32K310 Datasheet HTML 38Page - NXP Semiconductors S32K310 Datasheet HTML 39Page - NXP Semiconductors S32K310 Datasheet HTML 40Page - NXP Semiconductors S32K310 Datasheet HTML 41Page - NXP Semiconductors S32K310 Datasheet HTML 42Page - NXP Semiconductors S32K310 Datasheet HTML 43Page - NXP Semiconductors S32K310 Datasheet HTML 44Page - NXP Semiconductors S32K310 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 136 page
background image
CDEC
CDEC
CBULK
VDD_HV_B
CDEC
LAST MILE
REGULATOR
EXTERNAL NFET
COUT_V11_NFET
CDEC
L_SMPS
D_SMPS
Q_SMPS
COUT_V15_SMPS
SMPS option
CDEC
CDEC
CDEC
CDEC
CDEC
CDEC
CDEC
V15
V11
CDEC
E9
H9
H10
J8
J10
J13
K8
K9
K10
N6
N8
F1
H8
K5
L5
J7
N4
R7
R10
D14
E5
G10
H7
H13
K11
L8
N5
N9
H6
V11
V11
V11
V11
V11
V11
V11
V11
V11
V11
V11
NMOS_CTRL
V15
PMOS_CTRL
VDD_DCDC
V25
VDD_HV_B
VDD_HV_B
VDD_HV_B
VDD_HV_A
VDD_HV_A
VDD_HV_A
VDD_HV_A
VDD_HV_A
VDD_HV_A
VDD_HV_A
VDD_HV_A
VDD_HV_A
VREFH
CDEC
CDEC
CDEC
CBULK
VDD_HV_A
CDEC
CDEC
CDEC
V15
V11
J6
J5
B2
B16
D4
D9
E13
G7
G11
J1
J4
J9
J14
L7
L11
M5
N7
N10
P4
P14
T2
T7
T10
VREFL
VSS_DCDC
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
T16
VSS
COUT_V25
V25
CDEC
VREFH
VDD_HV_SMPS
Figure 27. 289BGA package decoupling capacitor pinout diagram, SMPS (S32K388)
6.4 V15 regulator (SMPS option) electrical specifications
Some devices (S32K358, S32K348, S32K338, and S32K328) support a SMPS, DC-DC buck converter stage, with a dedicated pin
to control an external Power P-channel MOSFET. In addition to the PMOS, an external inductor and a Schottky diode are required.
See related figures in section "Recommended decoupling capacitors".
The chip hardware design guidelines document lists the recommended part numbers for PMOS, Schottky diode and inductor.
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 8, 06/2023
Data Sheet: Technical Data
Preliminary Information for S32K3x8
41 / 136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More