| 전자부품 데이터시트 검색엔진 |
|
S32K310 데이터시트(PDF) 78 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
S32K310 데이터시트(HTML) 78 Page - NXP Semiconductors |
|
78 / 136 page ![]() Table 37. Low Power Comparator (LPCMP) (continued) Symbol Description Min Typ Max Unit Condition Spec Number VAIO Analog Input Offset Voltage, High Speed Mode -25 +/-1 25 mV — — VAIO Analog Input Offset Voltage, Low Speed mode -40 + /- 5 40 mV — — VAHYST0 Analog Comparator Hysteresis, High Speed Mode — 0 — mV HYSTCTR[1:0]= 2'b00 — VAHYST1 Analog Comparator Hysteresis, High Speed Mode — 14 41 mV HYSTCTR[1:0]= 2'b01 — VAHYST2 Analog Comparator Hysteresis, High Speed Mode — 27 76 mV HYSTCTR[1:0]= 2'b10 — VAHYST3 Analog Comparator Hysteresis, High Speed Mode — 40 111 mV HYSTCTR[1:0]= 2'b11 — VAHYST0 Analog Comparator Hysteresis, Low Speed mode — 0 — mV HYSTCTR[1:0]= 2'b00 — VAHYST1 Analog Comparator Hysteresis, Low Speed mode — 8 60 mV HYSTCTR[1:0]= 2'b01 — VAHYST2 Analog Comparator Hysteresis, Low Speed mode — 15 113 mV HYSTCTR[1:0]= 2'b10 — VAHYST3 Analog Comparator Hysteresis, Low Speed mode — 23 165 mV HYSTCTR[1:0]= 2'b11 — INL DAC integral linearity 1,6,7 -1 — 1 LSB vrefh_cmp = vdda, vrefl_cmp = vss — INL DAC integral linearity 1,6,7 -1.5 — 1.5 LSB vrefh_cmp < vdda — DNL DAC differential linearity 1,6 -1 — 1 LSB vrefh_cmp = vdda, vrefl_cmp = vss — DNL DAC differential linearity 1,6 -1.5 — 1.5 LSB vrefh_cmp < vdda — tDDAC DAC Initialization time — — 30 us — — VAIN Analog input voltage 0 — VDDA V — — Table continues on the next page... NXP Semiconductors Analog modules S32K3xx Data Sheet, Rev. 8, 06/2023 Data Sheet: Technical Data Preliminary Information for S32K3x8 78 / 136 |