| 전자부품 데이터시트 검색엔진 |
|
EPI100552B50 데이터시트(PDF) 6 Page - PCA ELECTRONICS INC. |
|
|
|||||||||||||||||||||||||||||
EPI100552B50 데이터시트(HTML) 6 Page - PCA ELECTRONICS INC. |
|
6 / 50 page ![]() E L E C T R O N I C S I N C . Surface Mount Power Inductor TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343 • Used as a Sepic Inductor on T.I.’s TPS6113X Series • Low loss material ensures operation in high frequency switching converters, such as Buck, BoostCouple Inductor or as Flyback Transformer • Also suitable for use in high quality filter applications • UL1446 Class B Insulating System • UL94V-0 Recognized Materials • 250 KHz Switching Frequency EPI BSP30 Series Product performance is limited to specified parameters. Data is subject to change without prior notice. Primary Specification Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25 CSIXXXXXXBSP30 Rev. 4 5/5/04 363.4 90.8 269.7 67.4 190.0 47.5 130.8 32.7 88.1 22.0 62.8 15.7 41.6 10.4 22.0 5.51 10.4 2.61 8.6 2.15 363.4 90.8 Inductance (µH ± 15%) @ 0 Adc DCR ( Ω Typ.) 1.048 .262 .708 .177 .476 .119 .320 .080 .212 .053 .152 .038 .096 .024 .068 .017 .036 .009 .026 .0065 1.048 .262 I dc (Amps) 0.65 1.30 0.75 1.50 0.90 1.80 1.08 2.16 1.32 2.64 1.56 3.12 1.92 3.84 2.60 5.20 3.60 7.20 4.15 8.30 .610 .850 Part Number EPI900132BSP30 EPI670152BSP30 EPI470182BSP30 EPI330212BSP30 EPI220262BSP30 EPI150312BSP30 EPI100382BSP30 EPI5L5522BSP30 EPI2L6722BSP30 EPI2L1832BSP30 EPI331611BSP30 Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel Series Parallel Connection 344.9 86.2 256.0 64.0 180.0 45.0 124.2 31.0 83.6 20.9 59.5 14.9 39.5 9.9 20.9 5.2 10.0 2.5 8.17 2.05 350 90 Inductance (µH ± 15%) @ Idc ET (V-µSec.) @ 250 KHz 100.40 50.20 86.48 43.24 72.56 36.28 60.24 30.12 49.44 24.72 41.68 20.84 33.92 16.96 24.72 12.36 16.96 8.48 15.44 7.72 100.40 50.20 Package BSP30 PCA EPIXXXXXXBSP30 D.C. .215 Max. (5.46) .330 (8.38) .410 (10.41) .060 (1.52) .175 (4.45) 1 4 2 3 .410 (10.41) .500 Max. (12.70) .500 Max. (12.70) 1 4 2 3 .330 (8.38) Pin 1 I.D. Input TPS6113X SWN PGnd FB VBat LBI SKIPEN Gnd SWP Control Outputs Vcc1 VOut EN LDOEN PGOOD LBO LDOOUT LDOIN LDOSENSE Vcc2 On On On Off Off Off Control Inputs L1 L2 Application Schematic 2 14 3 L1 L2 |