전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC163 데이터시트(PDF) 9 Page - Nexperia B.V. All rights reserved

부품명 74LVC163
상세설명  Presettable synchronous 4-bit binary counter; synchronous reset
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC163 데이터시트(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74LVC163 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC163 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC163 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC163 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC163 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC163 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC163 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC163 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC163 Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Nexperia
74LVC163
Presettable synchronous 4-bit binary counter; synchronous reset
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ[1] Max
Min
Max
Unit
Dn to CP; see Fig. 12
VCC = 1.65 V to 1.95 V
5.0
-
-
5.0
-
ns
VCC = 2.3 V to 2.7 V
4.0
-
-
4.0
-
ns
VCC = 2.7 V
3.0
-
-
3.0
-
ns
VCC = 3.0 V to 3.6 V
2.5
1.0
-
2.5
-
ns
MR, PE to CP; see Fig. 11 and
Fig. 12
VCC = 1.65 V to 1.95 V
4.5
-
-
4.5
-
ns
VCC = 2.3 V to 2.7 V
4.0
-
-
4.0
-
ns
VCC = 2.7 V
3.5
-
-
3.5
-
ns
VCC = 3.0 V to 3.6 V
3.0
1.2
-
3.0
-
ns
CEP, CET to CP; see Fig. 13
VCC = 1.65 V to 1.95 V
8.5
-
-
8.5
-
ns
VCC = 2.3 V to 2.7 V
6.5
-
-
6.5
-
ns
VCC = 2.7 V
5.5
-
-
5.5
-
ns
tsu
set-up time
VCC = 3.0 V to 3.6 V
5.0
2.1
-
5.0
-
ns
Dn, PE, CEP, CET to CP;
see Fig. 12 and Fig. 13
VCC = 1.65 V to 1.95 V
2.0
-
-
2.0
-
ns
VCC = 2.3 V to 2.7 V
2.0
-
-
2.0
-
ns
VCC = 2.7 V
0.0
-
-
0.0
-
ns
th
hold time
VCC = 3.0 V to 3.6 V
0.5
0.0
-
0.5
-
ns
see Fig. 9
VCC = 1.65 V to 1.95 V
100
-
-
80
-
ns
VCC = 2.3 V to 2.7 V
125
-
-
100
-
ns
VCC = 2.7 V
150
-
-
120
-
MHz
fmax
maximum
frequency
VCC = 3.0 V to 3.6 V
150
200
-
120
-
MHz
tsk(o)
output skew time VCC = 3.0 V to 3.6 V
[3]
-
-
1.0
-
1.5
ns
per input; VI = GND to VCC
[4]
VCC = 1.65 V to 1.95 V
-
9.8
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
13.4
-
-
-
pF
CPD
power dissipation
capacitance
VCC = 3.0 V to 3.6 V
-
16.6
-
-
-
pF
[1] Typical values are measured at Tamb = 25 °C and VCC = 1.2 V, 1.8 V, 2.5 V, 2.7 V and 3.3 V respectively.
[2] tpd is the same as tPLH and tPHL.
[3] Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
[4] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD x VCC 2 x fi x N + Σ(CL x VCC 2 x fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in V
N = number of inputs switching
Σ(CL x VCC 2 x fo) = sum of outputs
74LVC163
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 7 — 19 April 2021
9 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com