전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HATXAP 데이터시트(PDF) 2 Page - Greystone Energy Systems Inc.

부품명 HATXAP
상세설명  HIGH ACCURACY ALL PURPOSE TEMPERATURE TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GREYSTONE [Greystone Energy Systems Inc.]
홈페이지  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

HATXAP 데이터시트(HTML) 2 Page - Greystone Energy Systems Inc.

  HATXAP Datasheet HTML 1Page - Greystone Energy Systems Inc. HATXAP Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-HATXAPXXX-04
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
PRODUCT
HATXAP
High Accuracy All Purpose Duct/Immersion Temperature Transmitter
ENCLOSURE
A
E
ABS, with hinged and gasketed cover
Same as A, with thread adapter and cable gland fitting
SENSOR
18
48
22
1000 Ω Platinum, IEC 751, 385 Alpha, thin film, Class A
1000 Ω Platinum, IEC 751, 385 Alpha, thin film, 1/3 DIN
1000 Ω Platinum, IEC 751, 385 Alpha, thin film, 1/10 DIN
PROBE LENGTH
A
B
C
D
E
F
50mm (2”)
100mm (4”)
150mm (6”)
200mm (8”)
300mm (12”)
450mm (18”)
OUTPUT
A
D
E
4-20 mA
0-5 Vdc
0-10 Vdc
SCALED RANGE
001
002
003
*
0 to 35°C (32 to 95°F)
0 to 50°C (32 to 122°F)
0 to 100°C (32 to 212°F)
Additional ranges available
ORDERING
HATXAP
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH E ENCLOSURE OPTION
WIRING INFORMATION
TERMINAL
FUNCTION
PWR
Power Supply
OUT
Analog Output
COM
Common
NEG
SEN
Temperature Sensor Input
EXC



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com