전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HATXAP 데이터시트(PDF) 1 Page - Greystone Energy Systems Inc.

부품명 HATXAP
상세설명  HIGH ACCURACY ALL PURPOSE TEMPERATURE TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GREYSTONE [Greystone Energy Systems Inc.]
홈페이지  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

HATXAP 데이터시트(HTML) 1 Page - Greystone Energy Systems Inc.

  HATXAP Datasheet HTML 1Page - Greystone Energy Systems Inc. HATXAP Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
HIGH ACCURACY ALL PURPOSE TEMPERATURE TRANSMITTER
HATXAP SERIES
PRODUCT DESCRIPTION
The high accuracy all purpose temperature
transmitter utilizes a precision sensor encapsulated
in a 6 mm (0.236”) OD, 304 series stainless steel
probe and is available in various lengths (see
ordering chart). All probes provide excellent heat
transfer, fast response and resistance to moisture
penetration. A transmitter that provides a high
accuracy signal with excellent long term stability,
low hysteresis and fast response is available with
various ranges is provided.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
In duct applications the probes are installed in
the side of the duct to monitor a single point
temperature within the duct. Select a probe length
that allows the probe to span the duct width. Install
the probe in a straight section of duct at a suitable
distance downstream from any heating, cooling,
or humidification devices. The enclosure provides
mounting tabs for ease of installation.
For immersion applications ensure the probe is
installed in the appropriate length thermowell for
the pipe size. Thermal conductive compound should
be added inside the thermowell to provide optimum
thermal transfer.
For immersion applications, a T2 Series thermowell
is required. When using with a T1 series thermowell
an adapter will be required (#0201001092).
NOTE: This product is factory calibrated and any field adjustment will void the warranty.
SENSOR TYPE
1000Ω Platinum, IEC 751, 385 Alpha, thin film
SENSOR ACCURACY
(ACCURACIES LISTED ARE APPLICABLE
TO SENSING ELEMENT ONLY)
RTD Class A: ±0.15°C (±0.27°F) @ 0°C (32°F)
RTD 1/3 DIN: ±0.1°C (±0.18°F) @ 0°C (32°F)
RTD 1/10 DIN: ±0.03°C (±0.054°F) @ 0°C (32°F)
PROBE SENSING RANGE
-20 to 100°C (-4 to 212°F)
WIRE MATERIAL
FT-4, 22 AWG
PROBE MATERIAL
304 series stainless steel
PROBE DIAMETER
6 mm (0.236”)
STANDARD LENGTHS
50, 100, 150, 200, 300, and 400 mm
(2”, 4”, 6”, 8”, 12”, and 18”)
OUTPUT SIGNAL
4-20 mA current loop, 0-5 Vdc, or 0-10 Vdc (factory configured)
TRANSMITTER ACCURACY
±0.1% of span, including linearity
OUTPUT DRIVE @ 24 VDC
Current: 600 Ω maximum
Voltage: 10 KΩ minimum
INTERNAL ADJUSTMENT
ZERO and SPAN Pots
POWER SUPPLY
0-5 Vdc: 10-35 Vdc or 10-28 Vdc
0-10 Vdc: 15-35 Vdc or 15-28 Vdc
4-20 mA: 15-35 Vdc (loop-powered) or 22-28 Vdc
CURRENT CONSUMPTION
Current: 20 mA
Voltage: 5 mA
MAXIMUM CURRENT (VOLTAGE)
5 mA nominal
MAXIMUM OUTPUT (VOLTAGE)
Limited to <5.5 Vdc or 0-5 Vdc, <10.5 for 0-10 Vdc
INPUT VOLTAGE EFFECT
Negligible over specified operating range
PROTECTION CIRCUITRY
Reverse voltage protected and output limited
AMBIENT OPERATING RANGE
-40 to 50°C (-40 to 122°F), 5 to 95 %RH non-condensing
ENCLOSURE
A: ABS, UL94-V0, IP65 (NEMA 4X)
E: Same as A, with thread adapter (1/2” NPT to M16), and cable gland fitting
TERMINATION
Screw terminal block (14 to 22 AWG)
APPROVALS
CE
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
82.5 mm
3.25"
69.8 mm
2.75"
Various Probe Lengths
See Specifications
6 mm
(0.236")
76.2 mm
3.00"
0.5" NPT
Foam Gasket
304 Series S/S Probe
52.0 mm
2.05"
(#0201001092)
DUCT MOUNTING
THERMOWELL MOUNTING
T1-AP THERMOWELL ADAPTER
THERMOWELL PLACEMENT
MOUNTING STYLES


유사한 부품 번호 - HATXAP

제조업체부품명데이터시트상세설명
logo
Greystone Energy System...
HATXDC GREYSTONE-HATXDC Datasheet
383Kb / 2P
HIGH ACCURACY FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE TRANSMITTER
HATXDF GREYSTONE-HATXDF Datasheet
437Kb / 2P
HIGH ACCURACY FLEX-DUCT AVERAGE TEMPERATURE TRANSMITTER
HATXDR GREYSTONE-HATXDR Datasheet
289Kb / 2P
HIGH ACCURACY RIGID DUCT AVERAGE TEMPERATURE TRANSMITTER
HATXFL GREYSTONE-HATXFL Datasheet
331Kb / 2P
HIGH ACCURACY FLYING LEAD TEMPERATURE TRANSMITTER
HATXGL GREYSTONE-HATXGL Datasheet
322Kb / 2P
HIGH ACCURACY GLASS TEMPERATURE TRANSMITTER
More results

유사한 설명 - HATXAP

제조업체부품명데이터시트상세설명
logo
Greystone Energy System...
PS-HATDAP GREYSTONE-PS-HATDAP Datasheet
316Kb / 2P
HIGH ACCURACY ALL PURPOSE TEMPERATURE TRANSMITTER WITH LCD
PS-HATSAP GREYSTONE-PS-HATSAP Datasheet
317Kb / 2P
HIGH ACCURACY ALL PURPOSE DUCT TEMPERATURE SENSOR
PS-HAHTDT GREYSTONE-PS-HAHTDT Datasheet
275Kb / 2P
HIGH ACCURACY DUCT HUMIDITY/TEMPERATURE TRANSMITTER
PS-HAHTOB GREYSTONE-PS-HAHTOB Datasheet
237Kb / 2P
HIGH ACCURACY OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
PS-HAHTOS GREYSTONE-PS-HAHTOS Datasheet
238Kb / 2P
HIGH ACCURACY OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
PS-HAHTRC GREYSTONE-PS-HAHTRC Datasheet
315Kb / 2P
HIGH ACCURACY ROOM HUMIDITY / TEMPERATURE TRANSMITTER
PS-HANTRC GREYSTONE-PS-HANTRC Datasheet
219Kb / 2P
HIGH ACCURACY ROOM HUMIDITY / TEMPERATURE TRANSMITTER
PS-HATXFL GREYSTONE-PS-HATXFL Datasheet
331Kb / 2P
HIGH ACCURACY FLYING LEAD TEMPERATURE TRANSMITTER
PS-HATXGL GREYSTONE-PS-HATXGL Datasheet
322Kb / 2P
HIGH ACCURACY GLASS TEMPERATURE TRANSMITTER
PS-HATXOS GREYSTONE-PS-HATXOS Datasheet
236Kb / 2P
HIGH ACCURACY OUTSIDE TEMPERATURE TRANSMITTER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com