전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HATXOS 데이터시트(PDF) 2 Page - Greystone Energy Systems Inc.

부품명 HATXOS
상세설명  HIGH ACCURACY OUTSIDE TEMPERATURE TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GREYSTONE [Greystone Energy Systems Inc.]
홈페이지  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

HATXOS 데이터시트(HTML) 2 Page - Greystone Energy Systems Inc.

  HATXOS Datasheet HTML 1Page - Greystone Energy Systems Inc. HATXOS Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-HATXOSXXX-02
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
PRODUCT
HATXOS
High Accuracy Outside Temperature Transmitter
ENCLOSURE
A
E
Polycarbonate, weatherproof with hinged and gasketed cover
Same as A, with cable gland
SENSOR
18X
48X
22X
1000 Ω Platinum, IEC 751, 385 Alpha, thin film, Class A
1000 Ω Platinum, IEC 751, 385 Alpha, thin film, 1/3 DIN
1000 Ω Platinum, IEC 751, 385 Alpha, thin film, 1/10 DIN
OUTPUT
A
D
E
4-20mA
0-5 Vdc
0-10 Vdc
SCALED RANGE
001
002
006
*
0 to 35°C (32 to 95°F)
0 to 50°C (32 to 122°F)
-50 to 50°C (-58 to 122°F)
Additional ranges available
ORDERING
HATXOS
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
WIRING INFORMATION
TERMINAL
FUNCTION
PWR
Power Supply
OUT
Analog Output
COM
Common
NEG
SEN
Temperature Sensor Input
EXC



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com