전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HATXOS 데이터시트(PDF) 1 Page - Greystone Energy Systems Inc.

부품명 HATXOS
상세설명  HIGH ACCURACY OUTSIDE TEMPERATURE TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GREYSTONE [Greystone Energy Systems Inc.]
홈페이지  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

HATXOS 데이터시트(HTML) 1 Page - Greystone Energy Systems Inc.

  HATXOS Datasheet HTML 1Page - Greystone Energy Systems Inc. HATXOS Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
HIGH ACCURACY OUTSIDE TEMPERATURE TRANSMITTER
HATXOS SERIES
CABLE GLAND FITTING
PRODUCT DESCRIPTION
The high accuracy single point outside temperature
transmitter utilizes a precision platinum RTD sensor.
All probes are constructed to provide excellent
heat transfer, fast response and are potted to
resist moisture penetration. A sun and wind shield
is integrated into the enclosure. It is provided
in a weatherproof Polycarbonate enclosure. A
transmitter that provides a high accuracy signal
with excellent long term stability, low hysteresis
and fast response is available with various ranges.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The outside temperature transmitter should be
mounted on an outside North facing wall, under
the eaves which will provide protection from direct
sunlight.
The outside temperature sensor can be mounted
directly to building’s wall face using the provided
mounting holes. There is one 0.85” hole for conduit
connection.
NOTE: This product is factory calibrated and any field adjustment will void the warranty.
SENSOR TYPE
1000Ω Platinum, IEC 751, 385 Alpha, thin film
SENSOR ACCURACY
RTD Class A: ±0.15°C (±0.27°F) @ 0°C (32°F)
RTD 1/3 DIN: ±0.1°C (±0.18°F) @ 0°C (32°F)
RTD 1/10 DIN: ±0.03°C (±0.054°F) @ 0°C (32°F)
WIRE MATERIAL
FT-4, 22 AWG
OUTPUT SIGNAL
4-20 mA current loop, 0-5 Vdc, or 0-10 Vdc (factory configured)
TRANSMITTER ACCURACY
±0.1% of span, including linearity
OUTPUT DRIVE @ 24 VDC
Current: 600Ω maximum
Voltage: 10 KΩ minimum
POWER SUPPLY
0-5 Vdc: 10-35 Vdc or 10-28 Vac
0-10 Vdc: 15-35 Vdc or 15-28 Vac
4-20 mA: 15-35 Vdc (Loop-powered) or 22-28 Vac
CURRENT CONSUMPTION
Current: 20 mA
Voltage: 5 mA
MAXIMUM CURRENT (VOLTAGE)
5 mA nominal
MAXIMUM OUTPUT (VOLTAGE)
Limited to <5.5 vdc for 0-5 Vdc, <10.5 for 0-10 Vdc
INPUT VOLTAGE EFFECT
Negligible over specified operating range
PROTECTION CIRCUITRY
Reverse voltage protected and output limited
AMBIENT OPERATING RANGE
-40 to 50°C (-40 to 122°F), 0 to 95 %RH non-condensing
ENCLOSURE
A: Polycarbonate, UL94-V0, IP65 (NEMA 4X)
E: Same as A, with thread adapter (1/2” NPT to M16) and cable gland fitting
TERMINATION
Terminal block (14 to 22 AWG)
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
82.5 mm
3.25”
69.8 mm
2.75”
52.0 mm
2.05”
76.2 mm
3.00”
25.4 mm
1.00”
25.4 mm
1.00”
0.5” NPT
North
OSA Temperature
Sensor
ACCESSORIES - INCLUDED WITH E ENCLOSURE OPTION


유사한 부품 번호 - HATXOS

제조업체부품명데이터시트상세설명
logo
Greystone Energy System...
HATXOB GREYSTONE-HATXOB Datasheet
239Kb / 2P
HIGH ACCURACY OUTSIDE TEMPERATURE TRANSMITTER WITH SUN/WINDSHIELD
More results

유사한 설명 - HATXOS

제조업체부품명데이터시트상세설명
logo
Greystone Energy System...
PS-HATSOS GREYSTONE-PS-HATSOS Datasheet
256Kb / 2P
HIGH ACCURACY OUTSIDE TEMPERATURE SENSOR
PS-HAHTDT GREYSTONE-PS-HAHTDT Datasheet
275Kb / 2P
HIGH ACCURACY DUCT HUMIDITY/TEMPERATURE TRANSMITTER
PS-HAHTOB GREYSTONE-PS-HAHTOB Datasheet
237Kb / 2P
HIGH ACCURACY OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
PS-HAHTOS GREYSTONE-PS-HAHTOS Datasheet
238Kb / 2P
HIGH ACCURACY OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
PS-HATXGL GREYSTONE-PS-HATXGL Datasheet
322Kb / 2P
HIGH ACCURACY GLASS TEMPERATURE TRANSMITTER
PS-HATXOB GREYSTONE-PS-HATXOB Datasheet
239Kb / 2P
HIGH ACCURACY OUTSIDE TEMPERATURE TRANSMITTER WITH SUN/WINDSHIELD
HTOB GREYSTONE-HTOB Datasheet
216Kb / 2P
OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
HTOS GREYSTONE-HTOS Datasheet
237Kb / 2P
OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
TXOB GREYSTONE-TXOB Datasheet
233Kb / 2P
OUTSIDE TEMPERATURE TRANSMITTER
06/20
TXOS GREYSTONE-TXOS Datasheet
244Kb / 2P
OUTSIDE TEMPERATURE TRANSMITTER
06/20
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com