전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6714 데이터시트(PDF) 22 Page - STMicroelectronics

부품명 L6714
상세설명  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714 데이터시트(HTML) 22 Page - STMicroelectronics

Back Button L6714 Datasheet HTML 18Page - STMicroelectronics L6714 Datasheet HTML 19Page - STMicroelectronics L6714 Datasheet HTML 20Page - STMicroelectronics L6714 Datasheet HTML 21Page - STMicroelectronics L6714 Datasheet HTML 22Page - STMicroelectronics L6714 Datasheet HTML 23Page - STMicroelectronics L6714 Datasheet HTML 24Page - STMicroelectronics L6714 Datasheet HTML 25Page - STMicroelectronics L6714 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
VID Tables
L6714
22/70
0
0
0
1
0
0
1.4500
1
0
0
1
0
0
0.7125
0
0
0
1
0
1
1.4250
1
0
0
1
0
1
0.7000
0
0
0
1
1
0
1.4000
1
0
0
1
1
0
0.6875
0
0
0
1
1
1
1.3750
1
0
0
1
1
1
0.6750
0
0
1
0
0
0
1.3500
1
0
1
0
0
0
0.6625
0
0
1
0
0
1
1.3250
1
0
1
0
0
1
0.6500
0
0
1
0
1
0
1.3000
1
0
1
0
1
0
0.6375
0
0
1
0
1
1
1.2750
1
0
1
0
1
1
0.6250
0
0
1
1
0
0
1.2500
1
0
1
1
0
0
0.6125
0
0
1
1
0
1
1.2250
1
0
1
1
0
1
0.6000
0
0
1
1
1
0
1.2000
1
0
1
1
1
0
0.5875
0
0
1
1
1
1
1.1750
1
0
1
1
1
1
0.5750
0
1
0
0
0
0
1.1500
1
1
0
0
0
0
0.5625
0
1
0
0
0
1
1.1250
1
1
0
0
0
1
0.5500
0
1
0
0
1
0
1.1000
1
1
0
0
1
0
0.5375
0
1
0
0
1
1
1.0750
1
1
0
0
1
1
0.5250
0
1
0
1
0
0
1.0500
1
1
0
1
0
0
0.5125
0
1
0
1
0
1
1.0250
1
1
0
1
0
1
0.5000
0
1
0
1
1
0
1.0000
1
1
0
1
1
0
0.4875
0
1
0
1
1
1
0.9750
1
1
0
1
1
1
0.4750
0
1
1
0
0
0
0.9500
1
1
1
0
0
0
0.4625
0
1
1
0
0
1
0.9250
1
1
1
0
0
1
0.4500
0
1
1
0
1
0
0.9000
1
1
1
0
1
0
0.4375
0
1
1
0
1
1
0.8750
1
1
1
0
1
1
0.4250
0
1
1
1
0
0
0.8500
1
1
1
1
0
0
0.4125
0
1
1
1
0
1
0.8250
1
1
1
1
0
1
0.4000
0
1
1
1
1
0
0.8000
1
1
1
1
1
0
0.3875
0
1
1
1
1
1
0.7750
1
1
1
1
1
1
0.3750
1.
VID6 Not Applicable, need to be left unconnected.
Table 9.
Voltage identifications (VID) codes for AMD 6BIT mode (See Note).
VID
5
VID
4
VID
3
VID
2
VID
1
VID
0
Output
Voltage
(1)
VID
5
VID
4
VID
3
VID
2
VID
1
VID
0
Output
Voltage
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70