| 전자부품 데이터시트 검색엔진 |
|
STTH2002D 데이터시트(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTH2002D 데이터시트(HTML) 2 Page - STMicroelectronics |
|
2 / 10 page ![]() Characteristics STTH2002 2/10 1 Characteristics To evaluate the conduction losses use the following equation: P = 0.75 x IF(AV) + 0.01 IF 2 (RMS) Table 1. Absolute ratings (limiting values at Tj = 25° C, unless otherwise specified) Symbol Parameter Value Unit VRRM Repetitive peak reverse voltage 200 V IF(RMS) RMS forward current 35 A IF(AV) Average forward current, δ = 0.5 TO-220AC, D2PAK Tc = 120° C 20 A TO-220ACins Tc = 60° C IFSM Surge non repetitive forward current tp = 10 ms Sinusoidal 175 A Tstg Storage temperature range -65 to + 175 ° C Tj Maximum operating junction temperature 175 ° C Table 2. Thermal parameters Symbol Parameter Value Unit Rth(j-c) Junction to case TO-220AC, D2PAK 2.4 ° C/W TO-220ACins 5 Table 3. Static electrical characteristics Symbol Parameter Test conditions Min. Typ Max. Unit IR (1) Reverse leakage current Tj = 25° C VR = VRRM 10 µA Tj = 125° C 10 100 VF (2) Forward voltage drop Tj = 25° C IF = 20 A 11.1 V Tj = 150° C 0.86 0.95 Tj = 25° C IF = 25 A 1.15 Tj = 125° C 0.94 1.05 Tj = 150° C 0.9 1 1. Pulse test: tp = 5 ms, δ < 2 % 2. Pulse test: tp = 380 µs, δ < 2 % |