| 전자부품 데이터시트 검색엔진 |
|
L6726A 데이터시트(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6726A 데이터시트(HTML) 7 Page - STMicroelectronics |
|
7 / 24 page ![]() L6726A Electrical specifications 7/24 3 Electrical specifications 3.1 Absolute maximum ratings Table 3. Absolute maximum ratings 3.2 Electrical characteristics Symbol Parameter Value Unit VCC to GND -0.3 to 15 V VBOOT to PHASE to GND 15 45 V VUGATE to PHASE to PHASE; t < 50ns to GND -0.3 to (VBOOT - VPHASE) + 0.3 -1 VBOOT + 0.3 V VPHASE to GND -8 to 30 V VLGATE to GND to GND; t < 50ns -0.3 to VCC + 0.3 -1 V FB, COMP to GND -0.3 to 3.6 V FB pin Maximum Withstanding Voltage Range Test Condition: CDF-AEC-Q100-002 "HBM" Acceptance Criteria: "Normal Performance" ±1 kV Other pins ±2 kV Table 4. Electrical characteristics (VCC = 12V; TA = 25 ° C unless otherwise specified). Symbol Parameter Test conditions Min. Typ. Max. Unit Recommended operating conditions VCC Device supply voltage See Figure 1 4.1 13.2 V VIN Conversion input voltage 13.2 V Supply current and power-ON ICC VCC supply current UGATE and LGATE = OPEN 6 mA IBOOT BOOT supply current UGATE = OPEN; PHASE to GND 0.5 mA UVLO VCC Turn-ON VCC Rising 4.1 V Hysteresis 0.2 V Oscillator FSW Main oscillator accuracy 243 270 297 kHz ∆VOSC PWM ramp amplitude 1.1 V dMAX Maximum duty cycle 80 % |