전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6726A 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 L6726A
상세설명  Single phase PWM controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6726A 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button L6726A Datasheet HTML 5Page - STMicroelectronics L6726A Datasheet HTML 6Page - STMicroelectronics L6726A Datasheet HTML 7Page - STMicroelectronics L6726A Datasheet HTML 8Page - STMicroelectronics L6726A Datasheet HTML 9Page - STMicroelectronics L6726A Datasheet HTML 10Page - STMicroelectronics L6726A Datasheet HTML 11Page - STMicroelectronics L6726A Datasheet HTML 12Page - STMicroelectronics L6726A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
L6726A
Device description
9/24
4
Device description
L6726A is a single-phase PWM controller with embedded high-current drivers that provides
complete control logic and protections to realize in an easy and simple way a general DC-
DC step-down converter. Designed to drive N-channel MOSFETs in a synchronous buck
topology, with its high level of integration this 8-pin device allows reducing cost and size of
the power supply solution.
L6726A is designed to operate from a 5V or 12V supply bus. Thanks to the high precision
0.8V internal reference, the output voltage can be precisely regulated to as low as 0.8V with
±1% accuracy over line and temperature variations. The switching frequency is internally set
to 270kHz.
This device provides a simple control loop with externally compensated transconductance
error-amplifier and programmable soft start. Low-Side-Less feature allows the device to
perform soft-start over pre-charged output avoiding negative spikes at the load side.
In order to avoid load damages, L6726A provides programmable threshold over current
protection. Output current is monitored across Low-Side MOSFET RdsON, saving the use of
expensive and space-consuming sense resistor. L6726A also features FB disconnection
protection, preventing dangerous uncontrolled output voltages in case of floating FB pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24