전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PAX-124 데이터시트(PDF) 3 Page - Advantech Co., Ltd.

부품명 PAX-124
상세설명  23.8" Multimodal Clinical Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PAX-124 데이터시트(HTML) 3 Page - Advantech Co., Ltd.

  PAX-124_V01 Datasheet HTML 1Page - Advantech Co., Ltd. PAX-124_V01 Datasheet HTML 2Page - Advantech Co., Ltd. PAX-124_V01 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Recommended Mounting Solution
Model Name
ARES-2423R
Part Number
ARES-2423R-A741L00
ARES-2423R-A741L01
Photo
Max. Support Weight
6 - 12kg
Max. Support Panel Size
27"
VESA Information
75 x 75 mm
100x100 mm
For more information, please clink this link: https://bit.ly/3T7dLMR
PAX-124 (M Model)



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com