전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PAX-124 데이터시트(PDF) 1 Page - Advantech Co., Ltd.

부품명 PAX-124
상세설명  23.8" Multimodal Clinical Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PAX-124 데이터시트(HTML) 1 Page - Advantech Co., Ltd.

  PAX-124_V01 Datasheet HTML 1Page - Advantech Co., Ltd. PAX-124_V01 Datasheet HTML 2Page - Advantech Co., Ltd. PAX-124_V01 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Introduction
PAX-124 multimodal model is a versatile touch monitor with optional IP54 environmental protection. With touchscreen and cover glass options. Modularized design enables one step
to upgrade to all-in-one computer with easy maintenance feature as well.
Specifications
LCD
Screen Size
23.8"
Resolution
1920 x 1080
Aspect Ratio
0.672916667
Pixel Pitch
0.27 x0.27mm
Viewing Angle
R/L 178(Type.), U/D 178(Type.)
Contrast Ratio
3000:1
Native Luminance (Typ)
250nits
Color Depth
8-bit, 16.7M
Display Mode
VA Mode, Normally Black
Response Time
16 msec (Typ, G/G)
Touch Screen
10-point multi touch P-CAP (clear glass); Option without Touch
Backlight
LED
Input
DP 1.2 input
1 x DP Jack
DisplayPort 1.2, 1920 x 1080 @ 60 Hz max.
HDMI 1.4 Input
HDMI Jack x 1 (Type A)
Digital RGB: TMDS, 1920 x 1080 @ 60 Hz max.
DVI Input
DVI Jack x 1 (DVI)
Digital RGB: TMDS, 1920 x 1080 @ 60 Hz max.
USB Up
USB-B Jack x 1
Audio Input
Audio Jack x 1
Output
HDMI 1.4 outnput
HDMI Jack x 1 (Type A)
Digital RGB: TMDS, 1920 x 1080 @ 60 Hz max.
Audio Output
Audio Jack x 1
Audio
Speaker
2Watt x 2
Power
Rating
DC 12V/5A max
IP Rating
Front Panel
IP65
System
IPX1, optional for IP54
Button function
DDC/CI (Tool)**
Menu/Exit/Up/Down
Option
DICOM Part 14(AAPM)
Yes, support
Touch Disable
Software mode adjustment
Certification
EMC & Safety
CCC,CE, FCC Class B
Physical Characteristics
Dimensions (W x H x D)
583 x 387 x 63 mm/22.95 x 15.2 x 2.48 in
Weight
6.98 kg/15.32 lb
VESA Mount
100 x 100; 75 x 75 mm
Environment
Operating Temperature
0~50°C/32~122°F (Humidity 5%~95%)
Storage Temperature
-20 ~ 60 °C/-4 ~ 140 °F
Warranty
System
2 years
*Optional input,SFP+Module x2 (AD Board to HDMI input,AVAS SFP to HDMI output)
If you have requirements of this specification, you can ask Advantech sales to buy AVAS product
** This tool need to be installed into user's PC, please download from link: https://www.advantech.com/search/?q=PAX-124%20(M%20Model)&st=support
23.8" Multimodal Clinical Display
ƒ
Wide 23.8" screen with Full HD 1920x1080 resolution
ƒ
Fanless design with optoinal upgrade IP54-rated protection for superior
hygiene and infection control
ƒ
Multimodal design for easy upgrades and maintenance
ƒ
With 10 point multi-touch control function
PAX-124 (M Model)
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 8-Nov-2022


유사한 부품 번호 - PAX-124_V01

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
PAX-124B-C2A-LFC ADVANTECH-PAX-124B-C2A-LFC Datasheet
650Kb / 3P
23.8" Clinical Display
8-Nov-2022
PAX-124B-C2A-LFD ADVANTECH-PAX-124B-C2A-LFD Datasheet
650Kb / 3P
23.8" Clinical Display
8-Nov-2022
PAX-124W-C2A-LFC ADVANTECH-PAX-124W-C2A-LFC Datasheet
650Kb / 3P
23.8" Clinical Display
8-Nov-2022
PAX-124W-C2A-LFD ADVANTECH-PAX-124W-C2A-LFD Datasheet
650Kb / 3P
23.8" Clinical Display
8-Nov-2022
More results

유사한 설명 - PAX-124_V01

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT7500 HOLTEK-HT7500 Datasheet
94Kb / 8P
Clinical Thermometer
August 8, 2000
HT7501 HOLTEK-HT7501 Datasheet
238Kb / 7P
Clinical Thermometer
8th Feb 99
HT7510 HOLTEK-HT7510 Datasheet
331Kb / 8P
Clinical Thermometer
10th Feb 99
logo
Integral Corp.
IZ8005 INTEGRAL-IZ8005 Datasheet
234Kb / 6P
CLINICAL THERMOMETER
logo
Holtek Semiconductor In...
HT7500 HOLTEK-HT7500_01 Datasheet
112Kb / 7P
Clinical Thermometer
November 27, 2001
logo
Advantech Co., Ltd.
UTK-624 ADVANTECH-UTK-624 Datasheet
873Kb / 2P
23.8 Kiosk
2018/03/23
logo
Analog Devices
ADPD4200 AD-ADPD4200 Datasheet
1Mb / 93P
Multimodal Sensor Front End
Rev. 0
logo
Advantech Co., Ltd.
PAX-121 ADVANTECH-PAX-121 Datasheet
646Kb / 3P
21.5" Clinical Display
8-Nov-2022
PAX-121 ADVANTECH-PAX-121_V01 Datasheet
595Kb / 3P
21.5" Multimodal Clinical Display
8-Nov-2022
PAX-124 ADVANTECH-PAX-124 Datasheet
650Kb / 3P
23.8" Clinical Display
8-Nov-2022
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com