전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD66P04BGS 데이터시트(PDF) 25 Page - Renesas Technology Corp

부품명 UPD66P04BGS
상세설명  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD66P04BGS 데이터시트(HTML) 25 Page - Renesas Technology Corp

Back Button UPD66P04BGS Datasheet HTML 21Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 22Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 23Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 24Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 25Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 26Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 27Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 28Page - Renesas Technology Corp UPD66P04BGS Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
23
µPD66P04B
Data Sheet U13596EJ2V1DS00
(2)
µPD66P04BGS-GJG
20
11
110
S
S
20-PIN PLASTIC SSOP (7.62 mm (300))
NOTE
Each lead centerline is located within 0.12 mm of
its true position (T.P.) at maximum material condition.
ITEM
MILLIMETERS
C
0.575 MAX.
B
6.7
±0.3
A
0.65 (T.P.)
E
0.125
±0.075
F
2.0 MAX.
G
1.7
±0.1
H
8.1
±0.3
M
0.12
N
0.10
I
6.1
±0.2
J
1.0
±0.2
L
0.5
±0.2
K
0.15+0.10
−0.05
P3
°+7°
−3°
D
0.32+0.08
−0.07
P20GM-65-300B-4
K
L
G
P
DM
B
J
detail of lead end
N
A
I
M
F
E
C
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com