전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VV6410C036 데이터시트(PDF) 91 Page - STMicroelectronics

부품명 VV6410C036
상세설명  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6410C036 데이터시트(HTML) 91 Page - STMicroelectronics

Back Button VV6410C036 Datasheet HTML 87Page - STMicroelectronics VV6410C036 Datasheet HTML 88Page - STMicroelectronics VV6410C036 Datasheet HTML 89Page - STMicroelectronics VV6410C036 Datasheet HTML 90Page - STMicroelectronics VV6410C036 Datasheet HTML 91Page - STMicroelectronics VV6410C036 Datasheet HTML 92Page - STMicroelectronics VV6410C036 Datasheet HTML 93Page - STMicroelectronics VV6410C036 Datasheet HTML 94Page - STMicroelectronics VV6410C036 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
91/105
cd5410-6410f-3-0.fm
11.4 Programmable Pins
The FST and QCK pins can be re-configured to follow the values of bits 1 and 2 in the serial interface.register
pin_mapping. This
is to allow remote control of a electro-mechanical system, maybe two different crop settings, in a remote camera head via the
serial interface.
Supply
USB System
3.3V-only System
Vbus
Supply from USB cable
3.3V direct drive
Vddio
connect to Vreg3v3
3.3V direct drive
Vddcore
connect to Vreg3v3
3.3V direct drive
Vreg3v3
optionally populate external BJT for
added drive
BJT not populated
Vid3v3
generated by internal regulator
internal regulator powered down
Aud3v3
generated by internal regulator
internal regulator powered down
Table 63 : Sensor Voltage Supply summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com