전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VV6410C036 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 VV6410C036
상세설명  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6410C036 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button VV6410C036 Datasheet HTML 25Page - STMicroelectronics VV6410C036 Datasheet HTML 26Page - STMicroelectronics VV6410C036 Datasheet HTML 27Page - STMicroelectronics VV6410C036 Datasheet HTML 28Page - STMicroelectronics VV6410C036 Datasheet HTML 29Page - STMicroelectronics VV6410C036 Datasheet HTML 30Page - STMicroelectronics VV6410C036 Datasheet HTML 31Page - STMicroelectronics VV6410C036 Datasheet HTML 32Page - STMicroelectronics VV6410C036 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
29/105
cd5410-6410f-3-0.fm
note1: This code is only generated in the PAL or NTSC video modes
note2: This code is only generated in the PAL or NTSC video modes
We include Table 12 to show how the 8 bit control codes are mapped onto the output data bits in the 5 wire mode.
Table 12 : Mapping 8bit control codes to 5 wire output mode
Line Code
Nibble XH (1 C2 C1 C0)
Nibble YH (P3 P2 P1 P0)
End of Line
10002 (8H)
00002 (0H)
Blank Line (BL)
10012 (9H)
11012 (DH)
Black line (BK)
10102 (AH)
10112 (BH)
Visible Line (VL)
10112 (BH)
01102 (6H)
Start of Even Field (SOEF)
11002 (CH)
01112 (7H)
End of Even Field (EOEF)
11012 (DH)
10102 (AH)
Start of Odd Field (SOOF)note1
11102 (EH)
11002 (CH)
End of Odd Field (EOOF)note2
11112 (FH)
00012 (1H)
Table 11 : Embedded Line Codes
Line Code
Most significant nibble
Data[4:0]
Least significant nibble
Data[4:0]
End of Line
1_00002 (10H)
0_00002 (00H)
Blank Line (BL)
1_00112 (13H)
1_01002 (14H)
Black line (BK)
1_01012 (15H)
0_11002 (0CH)
Visible Line (VL)
1_01102 (16H)
1_10002 (18H)
Start of Even Field (SOEF)
1_10002 (18H)
1_11002 (1CH)
End of Even Field (EOEF)
1_10112 (1BH)
0_10002 (08H)
Start of Odd Field (SOOF)
1_11012 (1DH)
1_00002 (10H)
End of Odd Field (EOOF)
1_11102 (1EH)
0_01002 (04H)
Parity Checks
Comment
P3
P2
P1
P0
Code word un-corrupted
$
P0 corrupted, line code OK
$
P1 corrupted, line code OK
$
P2 corrupted, line code OK
Table 13 : Parity Checking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More