| 전자부품 데이터시트 검색엔진 |
|
UPD75P4308 데이터시트(PDF) 28 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD75P4308 데이터시트(HTML) 28 Page - Renesas Technology Corp |
|
28 / 61 page ![]() µPD75P4308 26 Data Sheet U10909EJ2V1DS Group Mnemonic Operand No. of Machine Operation Addressing Skip condition bytes cycle area Subroutine CALLANote !addr1 3 3 (SP – 5) ← 0, 0, 0, PC12 *11 stack control (SP – 6) (SP – 3) (SP – 4) ← PC11 - 0 (SP – 2) ← ×, ×, MBE, RBE PC12 - 0 ← addr1, SP ← SP – 6 CALLNote !addr 3 3 (SP –4) (SP – 1) (SP – 2) ← PC11 - 0 *6 (SP – 3) ← MBE, RBE, 0, PC12 PC12 - 0 ← addr, SP ← SP – 4 4 (SP – 5) ← 0, 0, 0, PC12 (SP – 6) (SP – 3) (SP – 4) ← PC11 - 0 (SP – 2) ← ×, ×, MBE, RBE PC12 - 0 ← addr, SP ← SP – 6 CALLFNote !faddr 2 2 (SP – 4) (SP – 1) (SP – 2) ← PC11 - 0 *9 (SP – 3) ← MBE, RBE, 0, PC12 PC12 - 0 ← 00 + faddr, SP ← SP – 4 3 (SP – 5) ← 0, 0, 0, PC12 (SP – 6) (SP – 3) (SP – 4) ← PC11 - 0 (SP – 2) ← ×, ×, MBE, RBE PC12 - 0 ← 00 + faddr, SP ← SP – 6 RETNote 13 MBE, RBE, 0, PC12 ← (SP + 1) PC11 - 0 ← (SP) (SP + 3) (SP + 2) SP ← SP + 4 ×, ×, MBE, RBE ← (SP + 4) 0, 0, 0, PC12 ← (SP + 1) PC11 - 0 ← (SP) (SP + 3) (SP + 2) SP ← SP + 6 RETSNote 13 + S MBE, RBE, 0, PC12 ← (SP + 1) Unconditional PC11 - 0 ← (SP) (SP + 3) (SP + 2) SP ← SP + 4 then skip unconditionally ×, ×, MBE, RBE ← (SP + 4) 0, 0, 0, PC12 ← (SP + 1) PC11, 0 ← (SP) (SP + 3) (SP + 2) SP ← SP + 6 then skip unconditionally RETI 1 3 MBE, RBE, 0, PC12 ← (SP + 1) PC11 - 0 ← (SP) (SP + 3) (SP + 2) PSW ← (SP + 4) (SP + 5), SP ← SP + 6 0, 0, 0, PC12 ← (SP + 1) PC11 - 0 ← (SP) (SP + 3) (SP + 2) PSW ← (SP + 4) (SP + 5), SP ← SP + 6 Note Shaded areas indicate support for the Mk II mode only. Other areas indicate support for the Mk I mode only. |