전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD78P324 데이터시트(PDF) 39 Page - Renesas Technology Corp

부품명 UPD78P324
상세설명  MOS INTEGRATED CIRCUIT
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P324 데이터시트(HTML) 39 Page - Renesas Technology Corp

Back Button UPD78P324 Datasheet HTML 35Page - Renesas Technology Corp UPD78P324 Datasheet HTML 36Page - Renesas Technology Corp UPD78P324 Datasheet HTML 37Page - Renesas Technology Corp UPD78P324 Datasheet HTML 38Page - Renesas Technology Corp UPD78P324 Datasheet HTML 39Page - Renesas Technology Corp UPD78P324 Datasheet HTML 40Page - Renesas Technology Corp UPD78P324 Datasheet HTML 41Page - Renesas Technology Corp UPD78P324 Datasheet HTML 42Page - Renesas Technology Corp UPD78P324 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
µPD78P324, 78P324(A)
37
(2)
µPD78P324(A) Electrical Specifications (6/9)
tCYK-dependent Bus Timing Definition
Symbol
Calculation formula
MIN./MAX.
Unit
tSAST
0.5T–30
MIN.
ns
tHSTA
0.5T–30
MIN.
ns
tDAR
T–40
MIN.
ns
tDAID
(2.5+n) T–90
MAX.
ns
tDRID
(1.5+n) T–75
MAX.
ns
tDSTR
0.5T–20
MIN.
ns
tDRA
0.5T–12
MIN.
ns
tWRL
(1.5+n) T–40
MIN.
ns
tWSTH
0.5T–25
MIN.
ns
tDAW
T–40
MIN.
ns
tDSTOD
0.5T+40
MAX.
ns
tDSTW
0.5T–20
MIN.
ns
tSODW
1.5T–40
MIN.
ns
tHWOD
0.5T–30
MIN.
ns
tDWST
0.5T–20
MIN.
ns
tWWL
(1.5+n) T–40
MIN.
ns
Remarks
1. T = tCYK = 1/fCLK (fCLK refers to the internal system clock frequency)
2. n refers to the count of weight cycles defined by the user software.
3. Among the parameters for bus timing, only those listed in this table are dependent on tCYK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com