| 전자부품 데이터시트 검색엔진 |
|
UPD78P324 데이터시트(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD78P324 데이터시트(HTML) 13 Page - Renesas Technology Corp |
|
13 / 82 page ![]() µPD78P324, 78P324(A) 11 1. LIST OF PIN FUNCTIONS 1.1 NORMAL OPERATION MODE (1) Port pins Pin Name P00-P07 P20 P21 P22 P23 P24 P25 P26 P27 P30 P31 P32 P33 P34 P40-P47 P50-P57 P70-P77 P80 P81 P82 P83 P84 P85 P90 P91 P92 P93 Function Port 0. 8-bit I/O port. I/O specifiable per bit. (Operable as a real-time output port as well.) Port 2. 8-bit input-only port. Port 3. 5-bit I/O port. I/O specifiable per bit. Port 4. 8-bit I/O port. I/O specifiable in units of eight bits. Port 5. 8-bit I/O port. I/O specifiable per bit. Port 7. 8-bit input-only port. Port 8. 6-bit I/O port. I/O specifiable per bit. Port 9. 4-bit I/O port. I/O specifiable per bit. Shared Pin Name RTP0-RTP7 NMI INTP0 INTP1 INTP2 INTP3 INTP4 INTP5 INTP6/TI TXD RXD SO/SB0 SI/SB1 SCK AD0-AD7 A8-A15 AN0-AN7 TO00 TO01 TO02 TO03 TO10 TO11 RD WR TAS TMD I/O I/O Input I/O I/O I/O Input I/O I/O |