전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USM-S62 데이터시트(PDF) 2 Page - Advantech Co., Ltd.

부품명 USM-S62
상세설명  LoRa-Based Cold Chain Temperature/ Humidity Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

USM-S62 데이터시트(HTML) 2 Page - Advantech Co., Ltd.

  USM-S62 Datasheet HTML 1Page - Advantech Co., Ltd. USM-S62 Datasheet HTML 2Page - Advantech Co., Ltd. USM-S62 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Features
USM-S62
Specifications
General
Storage
8GB micro SD card (default), supports up to 32GB
I/O
2 x USB 2.0 host
1 x SIM card slot
1 x Micro SD card slot (supports SDHC cards)
1 x 10/100 Ethernet RJ45 connector
1 x Reset button
1 x Lockable DC jack
Indicators
Orange: Power and GW status
Blue: Uplink status/activity
LoRa
Wireless Technology
920 ~ 925 MHz for Taiwan
902 ~ 928 Mhz for US
863 ~ 870 MHz for Europe
470 ~ 510 MHz for China
921~922 MHz for Japan
Wireless Range
>500 meters (Line of sight)**
Topology
Star
Connectivity
Ethernet
10/100 RJ45 connector
Backhaul Support
802.11ac/a/b/g/n Wi-Fi (2.4 + 5 GHz) or LTE cat. 4
Power
Input Voltage
9 ~ 20VDC via lockable DC jack
Mechanical
Dimensions
(W x H x D)
128 x 156 x 27.8 mm (5.03 x 6.14 x 1.09 in)
Weight
524 g/1.15 lb
Mount Options
VESA, wall, desktop, pole, magnet, DIN rail
Certification
EMC
CE/FCC/NCC/TELEC/CCC*
EMI
Class B
Environment
Vibration/Shock
10 G, IEC 60068-2-27, half sine, 11 ms duration
Operating
Temperature
-20 ~ 65 °C/-4 ~ 149 °F
Storage Temperature
-40 ~ 85 °C/-40 ~ 185 °F
Operating Humidity
90% @ 40 °C/104 °F (non-condensing)
*by project based.
Ordering Information
Part Number
Description
USM-S62-G0000
Global LoRa gateway
USM-S62-G2000
Global LoRa gateway + EU LTE
USM-S62-G4000
Global LoRa gateway + US LTE
USM-S62-G0W00
Global LoRa gateway + Wi-Fi
USM-S62-C0000
China LoRa gateway
USM-S62-C6000
China LoRa gateway + China LTE
USM-S62-C0W00
China LoRa gateway + Wi-Fi
USM-S66-G000
Global LoRa gateway dongle
Packing List
Part Number
Description
96PSA-A36W12W7-5
Adaptor A/D 100 ~ 240V, 36W, 12V C6 lockable DC jack 62368
1751000083-01
2 x LoRa antenna
1750008981-01
2 x LTE antenna (optional)
1750008772-01
2 x Wi-Fi antenna (optional)
LoRa Data Gateway for TREK-120
Sensors
Dimensions
Unit: mm
ƒ
Can support up to 200 x TREK-120 sensors**
ƒ
Backhaul support for LAN/LTE/Wi-Fi
ƒ
9 ~ 20 V wide input voltage range
ƒ
VESA mount (75 x 75 mm/2.95 x 2.95 in)
Power Cord
Part Number
Description
1700001524
Power Cord Connector USA plug
1700008921
Power Cord Connector JP plug
1700021374-01
Power Cord Connector China plug
170203180A
Power Cord Connector UK plug
170203183C
Power Cord Connector EU plug
Option Part
P/N
Description
USM-S62-ANT000
USM-S62 External Antenna 2.4 dB
TREK-120-SENBDBAT
TREK-120 Battery+ Sensor board (10sets)
TREK-120-G2BATT
TREK-120 Battery (10 pcs)
**Dependent on usage scenario



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com