전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USM-S62 데이터시트(PDF) 3 Page - Advantech Co., Ltd.

부품명 USM-S62
상세설명  LoRa-Based Cold Chain Temperature/ Humidity Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

USM-S62 데이터시트(HTML) 3 Page - Advantech Co., Ltd.

  USM-S62 Datasheet HTML 1Page - Advantech Co., Ltd. USM-S62 Datasheet HTML 2Page - Advantech Co., Ltd. USM-S62 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Features
Dimensions
Unit: mm
USM-S66
USM-S66 LoRa GW Dongle Specification
LEO-S LoRa GW Dongle
General
Storage
8GB micro SD card (default), supports up to 32GB
Indicators
1. Green for Power and Red for GW Status
2. Blue for Uplink status/activity
I/O
USB 2.0
1 (5VDC power and Data), Type-B
Micro-Fit
3x2
Support 2-wire UART/RS-232, 115,200bps
- 2-wire UART (TX/RX), 5V tolerant
- RS-232 (TX/RX)
5V~36VDC input, with basic OVP protection & surge protection
Micro USB
Console mode
SMA
2x SMA connector for LoRa antenna
Reset button
>=2s, Reset LoRa GW
>=8s, Load factory default
RF
Tehcnology
Advantech LoRa technology (WISE-Link)
Frequency
902~928MHz for North America
863-870MHz for Europe
920-928MHz for Japan
470-510MHz for China
Power
Input
5V/1A, through USB connector
5V~36VDC input, with basic OVP protection & surge protection, through Microfit connector
Installation
Mounting
screw mount, Tie cable
Mechanical
Dimensions (L x W x H)
90 x 89.6 x 23.48 mm
Weight
270g
Environment
Operating Temperature
0 ~ 65 °C (32 ~ 149 °F)
Storage Temperature
0 ~ 85 °C (32 ~ 185 °F)
Relative Humidity
90% @ 40 °C (non-condensing)
Ordering Information
Part Number
Description
USM-S66-G0000
Global Lora gateway dongle
Option Part
P/N
Description
1700032466-01
A cable 2x3P-3.0/DC Jack+D-SUB 9P(F) 30cm test cable
1700032465-01
A cable 2x3P-3.0 30CM TR5A00311
USM-S62-ANT000
USM-S62 External Antenna 2.4 dB
Packing List
P/N
Description
1751000083-01
2 x USM-S6x LoRa Antenna
1700033011-01
1 x A cable 2x3P-3.0/D-SUB 9P(F) 30cm for RS-232 PW
1700028201-01
1 x USM-S66 USB-B cable
1700033011-01 Cable Pin Define
ƒ
Can support up to 200 x TREK-120 sensors**
ƒ
Use RS-232/UART/USB to connect with Vehicle Terminal
**Dependent on usage scenario



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com