| 전자부품 데이터시트 검색엔진 |
|
MAS1017ATC1 데이터시트(PDF) 2 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS1017ATC1 데이터시트(HTML) 2 Page - Micro Analog systems |
|
2 / 6 page ![]() DA1017.002 29 May, 2002 2(6) PAD LAYOUT DIE size = 2.09 x 1.59 mm; PAD size = 100 x 100 µm Substrate is connected to VDD. Please make sure that VDD is bonded first. Note: Coordinates are calculated using VDD as a centre point. Pad Identification Name X-coordinate Y-coordinate Note Power Supply Voltage VDD 0 µm 0 µm Demodulator Capacitor DEC 244 µm 8 µm AGC Capacitor AGC 520 µm 8 µm Power Up Input PUP 759 µm 8 µm 1 DCF Signal Output DCF 1075 µm 8 µm 2 Quarz Filter Input QI 1038 µm 1625 µm Quarz Filter Output QO 760 µm 1625 µm Power Down Input PDN 483 µm 1625 µm 3 Receiver Input RFI 243 µm 1625 µm Power Supply Ground VSS -15 µm 1605 µm Notes: 1) See power down control table below. - Internal pull-down resistor > 1 M Ω to VSS 2) DCF = VSS when carrier amplitude at maximum; DCF = VDD when carrier amplitude is reduced (25% modulated) - the output is a current source/sink with |IOUT| > 5 µA - at power down the output is high impedance 3) See power down control logic table below. - Internal pull-up resistor > 1M Ω to VDD PDN PUP Power Down VSS VSS NO VSS VDD NO VDD VSS YES (In power down if both PDN and PUP are left unconnected) VDD VDD NO VDD DEC QI AGC DCF VSS RFI PDN QO 1588 µm 2094 µm MAS1017 PUP |