전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DMN65D8LT 데이터시트(PDF) 3 Page - Diodes Incorporated

부품명 DMN65D8LT
상세설명  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN65D8LT 데이터시트(HTML) 3 Page - Diodes Incorporated

  DMN65D8LT Datasheet HTML 1Page - Diodes Incorporated DMN65D8LT Datasheet HTML 2Page - Diodes Incorporated DMN65D8LT Datasheet HTML 3Page - Diodes Incorporated DMN65D8LT Datasheet HTML 4Page - Diodes Incorporated DMN65D8LT Datasheet HTML 5Page - Diodes Incorporated DMN65D8LT Datasheet HTML 6Page - Diodes Incorporated DMN65D8LT Datasheet HTML 7Page - Diodes Incorporated DMN65D8LT Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DMN65D8LT
Document number: DS38190 Rev. 3 - 2
3 of 8
www.diodes.com
October 2020
© Diodes Incorporated
DMN65D8LT
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
60
V
VGS = 0V, ID = 10µA
Zero Gate Voltage Drain Current
IDSS
1.0
µA
VDS = 60V, VGS = 0V
Gate-Source Leakage
IGSS
±10
µA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
1.2
2.0
V
VDS = VGS, ID
= 250μA
Static Drain-Source On-Resistance
RDS(ON)
2.0
5.0
Ω
VGS = 10V, ID = 0.115A
2.2
6.0
VGS = 5V, ID = 0.115A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss

24
pF
VDS = 25V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss

2.8
Reverse Transfer Capacitance
Crss

1.8
Gate Resistance
Rg

50
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge
Qg

0.4
nC
VDD = 30V, VGS = 4.5V, ID = 150mA
Gate-Source Charge
Qgs

0.12
Gate-Drain Charge
Qgd

0.14
Turn-On Delay Time
tD(ON)

2.0
ns
VGS = 10V, VDD = 30V, Rg = 25Ω,
ID = 0.2A
Turn-On Rise Time
tR
1.9
Turn-Off Delay Time
tD(OFF)

9.5
Turn-Off Fall Time
tF
4.3
Notes:
5. Device mounted on FR-4 PCB, with minimum recommended pad layout
6.
Device mounted on 1” x 1” FR-4 PCB with high coverage 2oz. Copper, single sided.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com