| 전자부품 데이터시트 검색엔진 |
|
12F683 데이터시트(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
12F683 데이터시트(HTML) 28 Page - Microchip Technology |
|
28 / 148 page ![]() PIC12F683 DS41211B-page 26 Preliminary 2004 Microchip Technology Inc. 3.6.3 CHECKING EXTERNAL/INTERNAL CLOCK STATUS Checking the state of the OSTS bit (OSCCON<3>) will confirm if the PIC12F683 is running from the external clock source as defined by the FOSC bits in the Configuration Word register (CONFIG) or the internal oscillator. FIGURE 3-7: TWO-SPEED START-UP Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 0 1 1022 1023 PC PC + 1 PC + 2 T INTOSC OSC1 OSC2 Program Counter System Clock TOST |