| 전자부품 데이터시트 검색엔진 |
|
M95040-RMB3P/W 데이터시트(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95040-RMB3P/W 데이터시트(HTML) 27 Page - STMicroelectronics |
|
27 / 42 page ![]() M95040, M95020, M95010 DC and AC parameters 27/42 1. Sampled only, not 100% tested, at TA=25°C and a frequency of 5MHz. Table 12. Capacitance Symbol Parameter Test Condition Min. Max. Unit COUT Output Capacitance (Q) VOUT = 0V 8 pF CIN Input Capacitance (D) VIN = 0V 8 pF Input Capacitance (other pins) VIN = 0V 6 pF Table 13. DC characteristics (M950x0, Device Grade 6) Symbol Parameter Test Condition Min. Max. Unit ILI Input Leakage Current VIN = VSS or VCC ± 2 µA ILO Output Leakage Current S = VCC, VOUT = VSS or VCC ± 2 µA ICC Supply Current C = 0.1VCC/0.9VCC at 10 MHz, VCC = 5 V, Q = open 5mA ICC1 Supply Current (Standby Power mode) S = VCC, VCC = 5 V, VIN = VSS or VCC 2µA VIL Input Low Voltage –0.45 0.3 VCC V VIH Input High Voltage 0.7 VCC VCC+1 V VOL Output Low Voltage IOL = 2 mA, VCC = 5 V 0.4 V VOH Output High Voltage IOH = –2 mA, VCC = 5V 0.8VCC V Table 14. DC characteristics (M950x0, Device Grade 3) Symbol Parameter Test Condition Min. Max. Unit ILI Input Leakage Current VIN = VSS or VCC ± 2 µA ILO Output Leakage Current S = VCC, VOUT = VSS or VCC ± 2 µA ICC Supply Current C = 0.1VCC/0.9VCC at 5 MHz, VCC = 5 V, Q = open 3mA ICC1 Supply Current (Standby Power mode) S = VCC, VIN = VSS or VCC VCC = 5 V 5µA VIL Input Low Voltage –0.45 0.3 VCC V VIH Input High Voltage 0.7 VCC VCC+1 V VOL Output Low Voltage IOL = 2 mA, VCC = 5 V 0.4 V VOH Output High Voltage IOH = –2 mA, VCC = 5V 0.8VCC V |