| 전자부품 데이터시트 검색엔진 |
|
M95040-RMB3P/W 데이터시트(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95040-RMB3P/W 데이터시트(HTML) 33 Page - STMicroelectronics |
|
33 / 42 page ![]() M95040, M95020, M95010 DC and AC parameters 33/42 Table 22. AC characteristics (M950x0-R) Test conditions specified in Table 11 and Table 10 Symbol Alt. Parameter Min. Max. Unit fC fSCK Clock Frequency D.C. 2 MHz tSLCH tCSS1 S Active Setup Time 200 ns tSHCH tCSS2 S Not Active Setup Time 200 ns tSHSL tCS S Deselect Time 200 ns tCHSH tCSH S Active Hold Time 200 ns tCHSL S Not Active Hold Time 200 ns tCH (1) 1. tCH + tCL must never be less than the shortest possible clock period, 1 / fC(max) tCLH Clock High Time 200 ns tCL (1) tCLL Clock Low Time 200 ns tCLCH (2) 2. Value guaranteed by characterization, not 100% tested in production. tRC Clock Rise Time 1 µs tCHCL (2) tFC Clock Fall Time 1 µs tDVCH tDSU Data In Setup Time 40 ns tCHDX tDH Data In Hold Time 50 ns tHHCH Clock Low Hold Time after HOLD not Active 140 ns tHLCH Clock Low Hold Time after HOLD Active 90 ns tCLHL Clock Low Setup Time before HOLD Active 0 ns tCLHH Clock Low Setup Time before HOLD not Active 0 ns tSHQZ (2) tDIS Output Disable Time 250 ns tCLQV tV Clock Low to Output Valid 180 ns tCLQX tHO Output Hold Time 0 ns tQLQH (2) tRO Output Rise Time 100 ns tQHQL (2) tFO Output Fall Time 100 ns tHHQV tLZ HOLD High to Output Valid 100 ns tHLQZ (2) tHZ HOLD Low to Output High-Z 250 ns tW tWC Write Time 10 ms |