전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST3241EBPR 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 ST3241EBPR
상세설명  짹15kV ESD Protected 3 to 5.5V, 400kbps, RS-232 transceiver with auto-powerdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3241EBPR 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button ST3241EBPR Datasheet HTML 5Page - STMicroelectronics ST3241EBPR Datasheet HTML 6Page - STMicroelectronics ST3241EBPR Datasheet HTML 7Page - STMicroelectronics ST3241EBPR Datasheet HTML 8Page - STMicroelectronics ST3241EBPR Datasheet HTML 9Page - STMicroelectronics ST3241EBPR Datasheet HTML 10Page - STMicroelectronics ST3241EBPR Datasheet HTML 11Page - STMicroelectronics ST3241EBPR Datasheet HTML 12Page - STMicroelectronics ST3241EBPR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ST3241E
Package mechanical data
9/17
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17