전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST3241EBPR 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 ST3241EBPR
상세설명  짹15kV ESD Protected 3 to 5.5V, 400kbps, RS-232 transceiver with auto-powerdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3241EBPR 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button ST3241EBPR Datasheet HTML 8Page - STMicroelectronics ST3241EBPR Datasheet HTML 9Page - STMicroelectronics ST3241EBPR Datasheet HTML 10Page - STMicroelectronics ST3241EBPR Datasheet HTML 11Page - STMicroelectronics ST3241EBPR Datasheet HTML 12Page - STMicroelectronics ST3241EBPR Datasheet HTML 13Page - STMicroelectronics ST3241EBPR Datasheet HTML 14Page - STMicroelectronics ST3241EBPR Datasheet HTML 15Page - STMicroelectronics ST3241EBPR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Package mechanical data
ST3241E
12/17
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.2
0.047
A1
0.05
0.15
0.002
0.004
0.006
A2
0.8
1
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.0079
D
9.6
9.7
9.8
0.378
0.382
0.386
E
6.2
6.4
6.6
0.244
0.252
0.260
E1
4.3
4.4
4.48
0.169
0.173
0.176
e
0.65 BSC
0.0256 BSC
K0°
8°
0°
8°
L
0.45
0.60
0.75
0.018
0.024
0.030
TSSOP28 MECHANICAL DATA
0128292B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17