| 전자부품 데이터시트 검색엔진 |
|
UPD78323LP 데이터시트(PDF) 64 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD78323LP 데이터시트(HTML) 64 Page - Renesas Technology Corp |
|
64 / 88 page ![]() 62 µPD78323, 78324 Mnemonic Operation Flags S Z AC P/V CY Operand (DE + ) – (HL + ), C ← C–1 End if C=0 or CY=0 (DE – ) – (HL – ), C ← C–1 End if C=0 or CY=0 (DE + ) – A, C ← C–1 End if C=0 or CY=1 (DE – ) – A, C ← C–1 End if C=0 or CY=1 (DE + ) – (HL + ), C ← C–1 End if C=0 or CY=1 (DE – ) – (HL – ), C ← C–1 End if C=0 or CY=1 STBC ← byteNote WDM ← byteNote RSS ← RSS RBS2 – 0 ← n, RSS ← 0 RBS2 – 0 ← n, RSS ← 1 No Operation IE ← 1 (Enable Interrupt) IE ← 0 (Disable Interrupt) [DE – ], A [DE + ], [HL + ] [DE – ], [HL – ] STBC, #byte WDM, #byte RBn RBn, ALT [DE + ], [HL + ] [DE – ], [HL – ] [DE + ], A 2 2 2 2 2 2 4 4 1 2 2 1 1 1 CMPBKC CMPMNC CMPBKNC MOV SWRS SEL NOP EI DI ××× V × ×× × V × ×× × V × ×× × V × ×× × V × ×× × V × Note If the operation code of STBC register and WDM register operation instructions is abnormal, an operation code trap interrupt is generated. Operation in the eent of trap: (SP–1) ← PSWH, (SP–2) ← PSWL, (SP–3) ← (PC–4)H, (SP–4) ← (PC–4)L, PCL ← (003CH), PCH ← (003DH), SP ← SP–4, IE ← 0 |