전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD780921 데이터시트(PDF) 8 Page - Renesas Technology Corp

부품명 UPD780921
상세설명  MOS INTEGRATED CIRCUIT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD780921 데이터시트(HTML) 8 Page - Renesas Technology Corp

Back Button UPD780921 Datasheet HTML 4Page - Renesas Technology Corp UPD780921 Datasheet HTML 5Page - Renesas Technology Corp UPD780921 Datasheet HTML 6Page - Renesas Technology Corp UPD780921 Datasheet HTML 7Page - Renesas Technology Corp UPD780921 Datasheet HTML 8Page - Renesas Technology Corp UPD780921 Datasheet HTML 9Page - Renesas Technology Corp UPD780921 Datasheet HTML 10Page - Renesas Technology Corp UPD780921 Datasheet HTML 11Page - Renesas Technology Corp UPD780921 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
8
µPD780921, 780922, 780923, 780924
• 64-Pin Plastic QFP (14 x 14 mm)
µPD780921GC-×××-AB8, 780922GC-×××-AB8, 780923GC-×××-AB8, 780924GC-×××-AB8
Cautions 1. Connect the TEST pin to VSS0 directly.
2. Connect the AVDD pin to VDD0.
3. Connect the AVSS pin to VSS0.
Remark
When the
µPD780921, 780922, 780923, or 780924 is used in application fields that require reduction of the
noise generated from inside the microcontroller, the implementation of noise reduction measures, such as
supplying voltage to VDD0 and VSS1 individually and connecting VSS0 and VSS1 to different ground lines, is
recommended.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
P50/A8
P51/A9
P52/A10
P53/A11
P54/A12
P55/A13
P56/A14
P57/A15
VSS0
VDD0
TO70
TO71
TO72
TO73
TO74
TO75
P33/RTP3
P32/RTP2
P31/RTP1
P30/RTP0
P01/INTP1
P00/INTP0/TOFF7
VSS1
X1
X2
TEST
P03/INTP3/ADTRG
P02/INTP2
RESET
AVDD
AVREF
P10/ANI0
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40