전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD780921 데이터시트(PDF) 21 Page - Renesas Technology Corp

부품명 UPD780921
상세설명  MOS INTEGRATED CIRCUIT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD780921 데이터시트(HTML) 21 Page - Renesas Technology Corp

Back Button UPD780921 Datasheet HTML 17Page - Renesas Technology Corp UPD780921 Datasheet HTML 18Page - Renesas Technology Corp UPD780921 Datasheet HTML 19Page - Renesas Technology Corp UPD780921 Datasheet HTML 20Page - Renesas Technology Corp UPD780921 Datasheet HTML 21Page - Renesas Technology Corp UPD780921 Datasheet HTML 22Page - Renesas Technology Corp UPD780921 Datasheet HTML 23Page - Renesas Technology Corp UPD780921 Datasheet HTML 24Page - Renesas Technology Corp UPD780921 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
21
µPD780921, 780922, 780923, 780924
5.6 SERIAL INTERFACE
Two independent serial interface channels (UART00 and UART01) are incorporated.
Each serial interface incorporates a baud-rate generator. Therefore, it is possible to set a serial transfer rate that is
independent of the operating clock frequency.
The serial transfer rate can be set from 75 to 76800 bps (@ fx = 8.38-MHz operation) by setting the mode register.
Table 5-7. Serial Interface Block Diagram
Remark n = 0, 1
Internal Bus
Receive
Buffer
RXBn
RxD0n
TxD0n
Receive
Shift
Register
Transmit
Shift
Register
PE0n FE0n OVE0n
ASIS0n
TXSn
Receive
Control
Parity
Check
Transmit
Control
Parity
Add
INTSERn
INTSTn
Baud Rate
Generator
fX/2 to fX/28
(when UART00)
TXE0n RXE0n PS0n1 PS0n0 CL0n SL0n ISRM0n IRDAM0n
ASIM0n
INTSRn
fX/24 to fX/211
(when UART01)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40