전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX186 데이터시트(PDF) 21 Page - Texas Instruments

부품명 OPAX186
상세설명  OPAx186 Precision, Rail-to-Rail Input/Output, 24-V, Zero-Drift Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

OPAX186 데이터시트(HTML) 21 Page - Texas Instruments

Back Button OPAX186 Datasheet HTML 17Page - Texas Instruments OPAX186 Datasheet HTML 18Page - Texas Instruments OPAX186 Datasheet HTML 19Page - Texas Instruments OPAX186 Datasheet HTML 20Page - Texas Instruments OPAX186 Datasheet HTML 21Page - Texas Instruments OPAX186 Datasheet HTML 22Page - Texas Instruments OPAX186 Datasheet HTML 23Page - Texas Instruments OPAX186 Datasheet HTML 24Page - Texas Instruments OPAX186 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
7.3.5 Electrical Overstress
Designers often ask questions about the capability of an operational amplifier to withstand electrical overstress.
These questions tend to focus on the device inputs, but can involve the supply voltage pins or even the output
pin. Each of these different pin functions have electrical stress limits determined by the voltage breakdown
characteristics of the particular semiconductor fabrication process and specific circuits connected to the pin.
Additionally, internal electrostatic discharge (ESD) protection is built into these circuits to protect from accidental
ESD events both before and during product assembly.
Having a good understanding of this basic ESD circuitry and the relevance to an electrical overstress event is
helpful. Figure 7-4 shows an illustration of the ESD circuits contained in the OPAx186 (indicated by the dashed
line area). The ESD protection circuitry involves several current-steering diodes connected from the input and
output pins and routed back to the internal power-supply lines, where the diodes meet at an absorption device
internal to the operational amplifier. This protection circuitry is intended to remain inactive during normal circuit
operation.
An ESD event produces a short-duration, high-voltage pulse that is transformed into a short-duration, high-
current pulse while discharging through a semiconductor device. The ESD protection circuits are designed to
provide a current path around the operational amplifier core to prevent damage. The energy absorbed by the
protection circuitry is then dissipated as heat.
When an ESD voltage develops across two or more amplifier device pins, current flows through one or
more steering diodes. Depending on the path that the current takes, the absorption device can activate. The
absorption device has a trigger or threshold voltage that is greater than the normal operating voltage of the
OPAx186, but less than the device breakdown voltage level. When this threshold is exceeded, the absorption
device quickly activates and clamps the voltage across the supply rails to a safe level.
Figure 7-4 shows that when the operational amplifier connects into a circuit, the ESD protection components
are intended to remain inactive, and do not become involved in the application circuit operation. However,
circumstances can arise where an applied voltage exceeds the operating voltage range of a given pin. If this
condition occurs, there is a risk that some internal ESD protection circuits are biased on and conduct current.
Any such current flow occurs through steering-diode paths and rarely involves the absorption device.
Op Amp
Core
R
F
R
I
R
L
V
IN
(1)
I
D
IN
OUT
+IN
ESD Current-
Steering Diodes
V+
R
S
(3)
TVS
(2)
Edge-Triggered ESD
Absorption Circuit
V±
TVS
(2)
(1) VIN = (V+) + 500 mV
(2) TVS: 26 V > VTVSBR (min) > V+, where VTVSBR (min) is the minimum specified value for the transient voltage suppressor breakdown
voltage.
(3) Suggested value is approximately 5 kΩ in example overvoltage condition.
Figure 7-4. Equivalent Internal ESD Circuitry Relative to a Typical Circuit Application
www.ti.com
OPA186, OPA2186, OPA4186
SBOS968C – JUNE 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA186 OPA2186 OPA4186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com