전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX186 데이터시트(PDF) 8 Page - Texas Instruments

부품명 OPAX186
상세설명  OPAx186 Precision, Rail-to-Rail Input/Output, 24-V, Zero-Drift Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

OPAX186 데이터시트(HTML) 8 Page - Texas Instruments

Back Button OPAX186 Datasheet HTML 4Page - Texas Instruments OPAX186 Datasheet HTML 5Page - Texas Instruments OPAX186 Datasheet HTML 6Page - Texas Instruments OPAX186 Datasheet HTML 7Page - Texas Instruments OPAX186 Datasheet HTML 8Page - Texas Instruments OPAX186 Datasheet HTML 9Page - Texas Instruments OPAX186 Datasheet HTML 10Page - Texas Instruments OPAX186 Datasheet HTML 11Page - Texas Instruments OPAX186 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
6.7 Electrical Characteristics (continued)
at TA = 25°C, VS = ±2.25 V to ±12 V, RL = 10 kΩ connected to VS / 2, VCM = VOUT = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
VO
Voltage output swing from
the rail
Positive rail
No load
5
10
mV
RL = 10 kΩ
65
RL = 2 kΩ
345
425
RL = 10 kΩ,
TA = –40℃ to +125℃(1)
95
120
Negative rail
No load
5
10
RL = 10 kΩ
30
RL = 2 kΩ
90
120
RL = 10 kΩ,
TA = –40℃ to +125℃(1)
35
50
ISC
Short-circuit current
±20
mA
CLOAD
Capacitive load drive
See typical curves
RO
Open-loop output
impedance
See typical curves
POWER SUPPLY
IQ
Quiescent current per
amplifier
VS = ±2.25 V to ±12 V
90
130
µA
TA = –40℃ to +125℃(1)
150
(1)
Specification established from device population bench system measurements across multiple lots.
OPA186, OPA2186, OPA4186
SBOS968C – JUNE 2022 – REVISED JULY 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA186 OPA2186 OPA4186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com