전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STI50DE100 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STI50DE100
상세설명  Hybrid Emitter Switched Bipolar Transistor ESBT 1000 V - 50 A - 0.026 ohm
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI50DE100 데이터시트(HTML) 1 Page - STMicroelectronics

  STI50DE100 Datasheet HTML 1Page - STMicroelectronics STI50DE100 Datasheet HTML 2Page - STMicroelectronics STI50DE100 Datasheet HTML 3Page - STMicroelectronics STI50DE100 Datasheet HTML 4Page - STMicroelectronics STI50DE100 Datasheet HTML 5Page - STMicroelectronics STI50DE100 Datasheet HTML 6Page - STMicroelectronics STI50DE100 Datasheet HTML 7Page - STMicroelectronics STI50DE100 Datasheet HTML 8Page - STMicroelectronics STI50DE100 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
January 2007
Rev 1
1/11
11
Order codes
Part Number
Marking
Package
Packing
STI50DE100
STI50DE100
I4PAC-4L
Tube
STI50DE100
Hybrid Emitter Switched Bipolar Transistor
ESBT® 1000 V - 50 A - 0.026
General features
High voltage / high current Cascode
configuration
Ultra low equivalent on resistance
Very fast-switch up to 150 kHz
Ultra low Ciss
Low dynamic VCS(ON)
Applications
Industrial converters
Welding
Description
The STI50DE100 is manufactured in a hybrid
structure, using dedicated high voltage Bipolar
and low voltage MOSFET technologies, aimed to
providing the best performance in ESBT topology.
The STI50DE100 is designed for use in industrial
converters and/or welding equipment.
Internal schematic diagrams
VCS(ON)
IC
RCS(ON)
1.3 V
50 A
0.026
W
I4PAC-4L
1
2
3
4
www.st.com


유사한 부품 번호 - STI50DE100

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STI5100 STMICROELECTRONICS-STI5100 Datasheet
89Kb / 2P
Low-cost interactive set-top box decoder
May-2004
STI5100-MBOARD STMICROELECTRONICS-STI5100-MBOARD Datasheet
89Kb / 2P
Low-cost interactive set-top box decoder
May-2004
STI5100-REF STMICROELECTRONICS-STI5100-REF Datasheet
89Kb / 2P
Low-cost interactive set-top box decoder
May-2004
STI5100-STDVB STMICROELECTRONICS-STI5100-STDVB Datasheet
89Kb / 2P
Low-cost interactive set-top box decoder
May-2004
STI5100ZUA STMICROELECTRONICS-STI5100ZUA Datasheet
89Kb / 2P
Low-cost interactive set-top box decoder
May-2004
More results

유사한 설명 - STI50DE100

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STC08DE150 STMICROELECTRONICS-STC08DE150 Datasheet
264Kb / 9P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 8 A - 0.075 OHM
20-Jan-2005
STE50DE100 STMICROELECTRONICS-STE50DE100 Datasheet
271Kb / 9P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1000 V - 50 A - 0.026 W POWER MODULE
06-Oct-2004
STC03DE170 STMICROELECTRONICS-STC03DE170 Datasheet
329Kb / 9P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1700 V - 3 A - 0.55 Ohm
04-Oct-2004
STC03DE150 STMICROELECTRONICS-STC03DE150 Datasheet
327Kb / 9P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 3 A - 0.55 ohm
04-Oct-2004
STC05DE150 STMICROELECTRONICS-STC05DE150 Datasheet
165Kb / 4P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 5 A - 0.10 ohm
29-Mar-2005
STC03DE170HV STMICROELECTRONICS-STC03DE170HV Datasheet
288Kb / 9P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1700 V - 3 A - 0.55 OHM
21-Jan-2005
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_06 Datasheet
286Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55 OHM
26-Sep-2006
STE50DE100 STMICROELECTRONICS-STE50DE100_07 Datasheet
308Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1000V - 50A - 0.026 ohm
22-Jan-2007
STC03DE220HP STMICROELECTRONICS-STC03DE220HP Datasheet
128Kb / 7P
Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
19-May-2008
STC03DE220HV STMICROELECTRONICS-STC03DE220HV_08 Datasheet
104Kb / 7P
Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
19-May-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com