전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M58LR128HB 데이터시트(PDF) 64 Page - STMicroelectronics

부품명 M58LR128HB
상세설명  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HB 데이터시트(HTML) 64 Page - STMicroelectronics

Back Button M58LR128HB Datasheet HTML 60Page - STMicroelectronics M58LR128HB Datasheet HTML 61Page - STMicroelectronics M58LR128HB Datasheet HTML 62Page - STMicroelectronics M58LR128HB Datasheet HTML 63Page - STMicroelectronics M58LR128HB Datasheet HTML 64Page - STMicroelectronics M58LR128HB Datasheet HTML 65Page - STMicroelectronics M58LR128HB Datasheet HTML 66Page - STMicroelectronics M58LR128HB Datasheet HTML 67Page - STMicroelectronics M58LR128HB Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 112 page
background image
DC and AC parameters
M58LR128HT, M58LR128HB
64/112
Figure 12.
Single Synchronous Read AC waveforms
1.
The WAIT signal is configured to be active during wait state. WAIT signal is active Low.
2.
Address latched and data output on the rising clock edge. Either the rising or the falling edge of the clock
signal, K, can be configured as the active edge. Here, the active edge is the rising one.
Ai12360b
E
G
A0-A22
L
WAIT(1)
K(2)
VALID ADDRESS
tGLQV
tAVKH
tLLKH
tELKH
Hi-Z
tELQX
tKHQV
tGLQX
tKHTV
DQ0-DQ15
VALID
Hi-Z
tELQV
tGLTV
tGHTZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More