전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST72262G2M6/XXX 데이터시트(PDF) 52 Page - STMicroelectronics

부품명 ST72262G2M6/XXX
상세설명  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72262G2M6/XXX 데이터시트(HTML) 52 Page - STMicroelectronics

Back Button ST72262G2M6/XXX Datasheet HTML 48Page - STMicroelectronics ST72262G2M6/XXX Datasheet HTML 49Page - STMicroelectronics ST72262G2M6/XXX Datasheet HTML 50Page - STMicroelectronics ST72262G2M6/XXX Datasheet HTML 51Page - STMicroelectronics ST72262G2M6/XXX Datasheet HTML 52Page - STMicroelectronics ST72262G2M6/XXX Datasheet HTML 53Page - STMicroelectronics ST72262G2M6/XXX Datasheet HTML 54Page - STMicroelectronics ST72262G2M6/XXX Datasheet HTML 55Page - STMicroelectronics ST72262G2M6/XXX Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
52/172
Table 12. Watchdog Timer Register Map and Reset Values
Address
(Hex.)
Register
Label
76543
210
0024h
WDGCR
Reset Value
WDGA
0
T6
1
T5
1
T4
1
T3
1
T2
1
T1
1
T0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More