| 전자부품 데이터시트 검색엔진 |
|
ST72262G2M6/XXX 데이터시트(PDF) 74 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72262G2M6/XXX 데이터시트(HTML) 74 Page - STMicroelectronics |
|
74 / 172 page ![]() ST72260Gx, ST72262Gx, ST72264Gx 74/172 16-BIT TIMER (Cont’d) Related Documentation AN 973: SCI software communications using 16- bit timer AN 974: Real Time Clock with ST7 Timer Output Compare AN 976: Driving a buzzer through the ST7 Timer PWM function AN1041: Using ST7 PWM signal to generate ana- log input (sinusoid) AN1046: UART emulation software AN1078: PWM duty cycle switch implementing true 0 or 100 per cent duty cycle AN1504: Starting a PWM signal directly at high level using the ST7 16-Bit timer |