| 전자부품 데이터시트 검색엔진 |
|
ES9033Q 데이터시트(PDF) 14 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9033Q 데이터시트(HTML) 14 Page - ESS Technology,Inc |
|
14 / 103 page ![]() a 0.3.1 ES9033 Datasheet Information ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM 14 Software Mode To configure the ES9033 registers manually over I2C or SPI, connect the following pins: I2C o MODE (Pin 3) – GND o Connect per I2C standard ▪ SDA (Pin 22) ▪ SCL (Pin 21) ▪ ADDR0 (Pin 20) ▪ ADDR1 (Pin 19) Available I2C Addresses for the ES9033Q: I2C Address ADDR1 ADDR0 0x90 GND GND 0x92 GND AVDD 0x94 AVDD GND 0x96 AVDD AVDD Table 3 - I2C address configurations SPI o Mode (Pin 3) – AVDD o Connect per SPI standard ▪ SCLK (Pin 21) ▪ SS (Pin 19) ▪ MOSI (Pin 22) ▪ MISO (Pin 20) |